データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N965BUR-1 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 1N965BUR-1
部品情報  Silicon Zener Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N965BUR-1 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  1N965BUR-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N965BUR-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N965BUR-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N965BUR-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 1N965BUR-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicon Zener Diode Series
Rev. V1
1N957BUR-1 thru 1N986BUR-1
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings2,3
Parameter
Absolute Maximum
Thermal Resistance
250°C/W
Steady-State Power
0.5 W
Forward Voltage
1.1 V @ 200 mA
Operating / Storage Temperature
-65°C to +175°C
2. Exceeding any one or combination of these limits may cause permanent damage to this device.
3. MACOM does not recommend sustained operation near these survivability limits.
Electrical Specifications: TA = +25°C (unless otherwise specified)
Part #1
Normal
Zener
Voltage
VZ
Zener
Test
Current
IZT
Max.
Zener
Impedance
ZZT @ IZT
ZZK
@ IZK
Max.
DC Zener
Current
IZM
Max.
Surge
Current
IZSM
Max.
Reverse
Leakage
IR @ VR
Max.
Temperature
Coefficient
aVZ
Volts
mA
Ohms
Ohms
mA
mA
mA
mA
Volts
%/°C
1N971BUR-1
27
4.6
41
750
0.25
13
70
5
20.6
0.090
1N972BUR-1
30
4.2
49
1000
0.25
12
65
5
22.8
0.091
1N973BUR-1
33
3.8
58
1000
0.25
11
60
5
25.1
0.092
1N974BUR-1
36
3.4
70
1000
0.25
10
55
5
27.4
0.093
1N975BUR-1
39
3.2
80
1000
0.25
9.5
46
5
29.7
0.094
1N976BUR-1
43
3.0
93
1000
0.25
8.8
44
5
32.7
0.095
1N977BUR-1
47
2.7
105
1500
0.25
7.9
40
5
35.8
0.095
1N978BUR-1
51
2.5
125
1500
0.25
7.4
37
5
38.8
0.096
1N979BUR-1
56
2.2
150
2000
0.25
6.8
35
5
42.6
0.096
1N980BUR-1
62
2.0
185
2000
0.25
6.0
30
5
47.1
0.097
1N981BUR-1
68
1.8
230
2000
0.25
5.5
28
5
51.7
0.097
1N982BUR-1
75
1.7
270
2000
0.25
5.0
26
5
56.0
0.098
1N983BUR-1
82
1.5
330
3000
0.25
4.6
23
5
62.2
0.098
1N984BUR-1
91
1.4
400
3000
0.25
4.1
21
5
69.2
0.099
1N985BUR-1
100
1.3
500
3000
0.25
3.7
18
5
76.0
0.11
1N986BUR-1
110
1.1
750
4000
0.25
3.3
16
5
83.6
0.11
1. The JEDEC type numbers shown (B Suffix) have a +5% tolerance on nominal Zener Votlage. The suffix A is used to identify +10%
tolerance; suffix C is used to identify +2%: and suffix D is used identify +1%; no suffix indicates +20%.


同様の部品番号 - 1N965BUR-1

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N965BUR-1 MICROSEMI-1N965BUR-1 Datasheet
503Kb / 6P
   Silicon MELF 500 mW Zener Diodes
Rev. 1
More results

同様の説明 - 1N965BUR-1

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4833 NJSEMI-1N4833 Datasheet
76Kb / 1P
   SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
1N4954 EIC-1N4954 Datasheet
131Kb / 2P
   SILICON ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com