データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4111UR-1 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 1N4111UR-1
部品情報  Low Noise Zener Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4111UR-1 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  1N4111UR-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4111UR-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4111UR-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N4111UR-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Zener Diode Series
Rev. V1
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
1N4099UR-1 thru 1N4135UR-1 &
1N4614UR-1 thru 1N4627UR-1
JEDEC TYPE
No.
(Note1)
Normal
Zener Voltage
VZ @ IZT
Zener Test
Current
IZT
Maximum
Zener Impedance
ZZT
Maximum
Reverse Current
IR @ VR
Maximum
Noise Density
ND @ IZT
Maximum
Zener Current
IZM
Volts
A
Ohms
A
Volts
V / √Hz
mA
1N4121UR-1
33
250
200
0.01
25.08
40
12
1N4122UR-1
36
250
200
0.01
27.38
40
11
1N4123UR-1
39
250
200
0.01
29.65
40
9.8
1N4124UR-1
43
250
250
0.01
32.65
40
8.9
1N4125UR-1
47
250
250
0.01
35.75
40
8.1
1N4126UR-1
51
250
300
0.01
38.76
40
7.5
1N4127UR-1
56
250
300
0.01
42.6
40
6.7
1N4128UR-1
60
250
400
0.01
45.6
40
6.4
1N4129UR-1
62
250
500
0.01
47.1
40
6.1
1N4130UR-1
68
250
700
0.01
51.68
40
5.6
1N4131UR-1
75
250
700
0.01
57
40
5.1
1N4132UR-1
82
250
800
0.01
62.32
40
4.6
1N4133UR-1
87
250
1000
0.01
66.12
40
4.4
1N4134UR-1
91
250
1200
0.01
69.16
40
4.2
1N4135UR-1
100
250
1500
0.01
76
40
3
1N4614UR-1
1.8
250
1200
7.5
1
1
120
1N4615UR-1
2
250
1250
5
1
1
110
1N4615UR-1
2.2
250
1300
4
1
1
100
1N4617UR-1
2.4
250
1400
2
1
1
95
1N4618UR-1
2.7
250
1500
1
1
1
90
1N4619UR-1
3
250
1600
0.8
1
1
87
1N4620UR-1
3.3
250
1650
7.5
1.5
1
85
1N4621UR-1
3.6
250
1700
7.5
2
1
83
1N4622UR-1
3.9
250
1650
5
2
1
80
1N4623UR-1
4.3
250
1600
4
2
1
77
1N4624UR-1
4.7
250
1550
10
2
1
75
1N4625UR-1
5.1
250
1500
10
3
2
70
1N4626UR-1
5.6
250
1400
10
4
4
65
1N4627UR-1
6.2
250
1200
10
5
5
61
Electrical Specifications: TA = +25°C (unless otherwise specified)
1. The JEDEC type numbers shown with no suffix have a standard tolerance of +5% on the nominal Zener voltage; suffix C is used to identify
+2%: and suffix D is used identify +1% tolerance. Vz is measured with the diode in thermal equilibrium in 25°C still air.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Steady State Power Dissipation
0.5 W
Forward Voltage
1.1 V @ 200 mA
Thermal Resistance
250°C/W
Operating & Storage Temperature
-65°C to +175°C


同様の部品番号 - 1N4111UR-1

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N4111UR-1 MICROSEMI-1N4111UR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4111UR-1 MICROSEMI-1N4111UR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4111UR-1 MICROSEMI-1N4111UR-1 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results

同様の説明 - 1N4111UR-1

メーカー部品番号データシート部品情報
logo
Seme LAB
1N4620D2A SEME-LAB-1N4620D2A Datasheet
185Kb / 3P
   LOW NOISE ZENER DIODE
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614 Datasheet
92Kb / 2P
   350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
logo
Renesas Technology Corp
HZU-L RENESAS-HZU-L Datasheet
77Kb / 6P
   Silicon Planar Zener Diode for Low Noise Application
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com