データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC3392T データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC3392T
部品情報  LOW SIDE PROTECTED SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3392T データシート(HTML) 4 Page - Motorola, Inc

  MC3392T Datasheet HTML 1Page - Motorola, Inc MC3392T Datasheet HTML 2Page - Motorola, Inc MC3392T Datasheet HTML 3Page - Motorola, Inc MC3392T Datasheet HTML 4Page - Motorola, Inc MC3392T Datasheet HTML 5Page - Motorola, Inc MC3392T Datasheet HTML 6Page - Motorola, Inc MC3392T Datasheet HTML 7Page - Motorola, Inc MC3392T Datasheet HTML 8Page - Motorola, Inc MC3392T Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC3392
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 2. Fault Output Timing Diagram
Figure 3. Input Control Current
versus Input Voltage
Figure 4. Output Leakage Current
versus Temperature
Vin
VOC
Vout
IO
45 V
<16 V
ISC
200 mA
Fault
tff
5.0
Vin, INPUT VOLTAGE (V)
1.0
2.0
3.0
4.0
– 50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
0
Iin
TA = 25°C
Iin
TA = – 40°C
200
Iin
TA = 125°C
300
250
200
150
100
50
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
+VS = 28 V


同様の部品番号 - MC3392T

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
759Kb / 25P
   5.0 A Throttle Control H-Bridge
logo
NXP Semiconductors
MC33926PNB NXP-MC33926PNB Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
logo
Freescale Semiconductor...
MC33926PNB/R2 FREESCALE-MC33926PNB/R2 Datasheet
759Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
More results

同様の説明 - MC3392T

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE7243SL INFINEON-TLE7243SL Datasheet
635Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7244SL INFINEON-TLE7244SL Datasheet
634Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7240SL INFINEON-TLE7240SL Datasheet
639Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.1, April 2009
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
Diodes Incorporated
BSP75G DIODES-BSP75G Datasheet
756Kb / 8P
   60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
June 2018 Rev. 5 - 2
BSP75N DIODES-BSP75N Datasheet
866Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75NQ DIODES-BSP75NQ Datasheet
865Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
logo
Zetex Semiconductors
BSP75G ZETEX-BSP75G Datasheet
382Kb / 8P
   60V self-protected low-side IntelliFETTM MOSFET switch
BSP75N ZETEX-BSP75N Datasheet
644Kb / 8P
   60V self-protected low-side IntellifetTM MOSFET switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com