データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC3392T データシート(PDF) 6 Page - Motorola, Inc

部品番号 MC3392T
部品情報  LOW SIDE PROTECTED SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3392T データシート(HTML) 6 Page - Motorola, Inc

Back Button MC3392T Datasheet HTML 2Page - Motorola, Inc MC3392T Datasheet HTML 3Page - Motorola, Inc MC3392T Datasheet HTML 4Page - Motorola, Inc MC3392T Datasheet HTML 5Page - Motorola, Inc MC3392T Datasheet HTML 6Page - Motorola, Inc MC3392T Datasheet HTML 7Page - Motorola, Inc MC3392T Datasheet HTML 8Page - Motorola, Inc MC3392T Datasheet HTML 9Page - Motorola, Inc MC3392T Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC3392
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 11. Turn–On Waveform
Figure 12. Turn–Off Waveform
Figure 13. Output Current versus
Supply Voltage
Figure 14. Maximum Load Inductance
versus Output Current
0
1020
30405060
+VS, SUPPLY VOLTAGE (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IO, OUTPUT CURRENT (A)
760 mA
14 V
4.0 V
1.0 V
IO
Vout
IO
Vout
Vin
1.5
1.25
1.0
0.75
0.5
0.25
0
0.5
0.4
0.3
0.2
0.1
0
Vin = 4.0 V
RL = 0
TA = 25°C
No Heatsink
Infinite Heatsink
Safe Operating Region
External Clamp Needed
Emax = 60 mJ
+VS = 14 V
RL = 17 Ω
TA = 25°C
+VS = 14 V
RL = 17 Ω
TA = 25°C
TECHNICAL DISCUSSION
Introduction
The MC3392 is a low side protected switch incorporating
many features making it ideal for use in harsh automotive
applications. The protection circuitry of the MC3392 protects
not only itself but also the associated load from destructive
voltage transients attributed to load and field dump, as well as
reverse and double battery conditions found in automotive
applications. The MC3392 is unique in that the protection
circuitry is internal and does not require additional external
protection components for its operation. This makes the
device very cost effective because its application utilizes few
external components, thus reducing cost and space
requirements needed for the system. The MC3392 is
extremely effective when used to drive solenoids, as well as
incandescent lamp loads. The following description of the
device’s operation is in reference to the functional blocks of
the Representative Block Diagram shown in Figure 1.
CMOS Input
The input of the MC3392 is CMOS compatible. Input
control performs as true logic. When the input (Vin) is less
than 1.0 V the MC3392 switch is in a high impedance or OFF
state. When Vin is greater than 4.0 V, is in a low impedance or
ON state. The switching threshold of the input is
approximately 2.0 V and is graphed in Figure 7. With the input
at 4.0 V, the input sink current will be approximately 250
µA.
In the ON state, the internal protection circuitry is activated
and all of the protection features are available for use. In the
OFF state, however, it is important to note that none of the
protection features are available, with the exception of the
internal inductive load clamp. The input pin is afforded a
minimum of 2000 V ESD protection (Human Body Model) by
virtue of the 7.2 V zener diode.


同様の部品番号 - MC3392T

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
759Kb / 25P
   5.0 A Throttle Control H-Bridge
logo
NXP Semiconductors
MC33926PNB NXP-MC33926PNB Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
logo
Freescale Semiconductor...
MC33926PNB/R2 FREESCALE-MC33926PNB/R2 Datasheet
759Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
More results

同様の説明 - MC3392T

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE7243SL INFINEON-TLE7243SL Datasheet
635Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7244SL INFINEON-TLE7244SL Datasheet
634Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7240SL INFINEON-TLE7240SL Datasheet
639Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.1, April 2009
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
Diodes Incorporated
BSP75G DIODES-BSP75G Datasheet
756Kb / 8P
   60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
June 2018 Rev. 5 - 2
BSP75N DIODES-BSP75N Datasheet
866Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75NQ DIODES-BSP75NQ Datasheet
865Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
logo
Zetex Semiconductors
BSP75G ZETEX-BSP75G Datasheet
382Kb / 8P
   60V self-protected low-side IntelliFETTM MOSFET switch
BSP75N ZETEX-BSP75N Datasheet
644Kb / 8P
   60V self-protected low-side IntellifetTM MOSFET switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com