データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74TVC3306DCTR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74TVC3306DCTR
部品情報  DUAL VOLTAGE CLAMP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3306DCTR データシート(HTML) 1 Page - Texas Instruments

  SN74TVC3306DCTR Datasheet HTML 1Page - Texas Instruments SN74TVC3306DCTR Datasheet HTML 2Page - Texas Instruments SN74TVC3306DCTR Datasheet HTML 3Page - Texas Instruments SN74TVC3306DCTR Datasheet HTML 4Page - Texas Instruments SN74TVC3306DCTR Datasheet HTML 5Page - Texas Instruments SN74TVC3306DCTR Datasheet HTML 6Page - Texas Instruments SN74TVC3306DCTR Datasheet HTML 7Page - Texas Instruments SN74TVC3306DCTR Datasheet HTML 8Page - Texas Instruments SN74TVC3306DCTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.ti.com
FEATURES
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
GND
A1
A2
A3
GATE
B1
B2
B3
DESCRIPTION/ORDERING INFORMATION
B2
B3
A2
A3
A1
GND
B1
GATE
NOTE A: The SN74TVC3306 has bidirectional capability across many voltage levels. The voltage levels documented in this data sheet are
examples.
8
7
6
5
1
2
3
4
SN74TVC3306
DUAL VOLTAGE CLAMP
SCDS112C – MARCH 2001 – REVISED MARCH 2005
Designed to Be Used in Voltage-Limiting
Applications
3.5-
Ω On-State Connection Between Ports A
and B
Flow-Through Pinout for Ease of Printed
Circuit Board Trace Routing
Direct Interface With GTL+ Levels
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
The SN74TVC3306 provides three parallel NMOS pass transistors with a common unbuffered gate. The low
on-state resistance of the switch allows connections to be made with minimal propagation delay.
The device can be used as a dual switch, with the gates cascaded together to a reference transistor. The
low-voltage side of each pass transistor is limited to a voltage set by the reference transistor. This is done to
protect components with inputs that are sensitive to high-state voltage-level overshoots.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SSOP – DCT
Tape and reel
SN74TVC3306DCTR
FA6
–40°C to 85°C
VSSOP – DCU
Tape and reel
SN74TVC3306DCUR
FA6
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
LOGIC DIAGRAM (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - SN74TVC3306DCTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC3306DCTR TI-SN74TVC3306DCTR Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306DCTR TI1-SN74TVC3306DCTR Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306DCTRE4 TI-SN74TVC3306DCTRE4 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
More results

同様の説明 - SN74TVC3306DCTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC3306 TI-SN74TVC3306_07 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC16222-2 TI1-SN74TVC16222-2 Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306 TI1-SN74TVC3306_15 Datasheet
876Kb / 19P
[Old version datasheet]   SN74TVC3306 Dual Voltage Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com