データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12022LVBD データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC12022LVBD
部品情報  MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12022LVBD データシート(HTML) 2 Page - Motorola, Inc

  MC12022LVBD Datasheet HTML 1Page - Motorola, Inc MC12022LVBD Datasheet HTML 2Page - Motorola, Inc MC12022LVBD Datasheet HTML 3Page - Motorola, Inc MC12022LVBD Datasheet HTML 4Page - Motorola, Inc MC12022LVBD Datasheet HTML 5Page - Motorola, Inc MC12022LVBD Datasheet HTML 6Page - Motorola, Inc MC12022LVBD Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC12022LVA MC12022LVB
2
MOTOROLA RF/IF DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to 7.0
Vdc
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Modulus Control Input, Pin 6
MC
–0.5 to 6.5
Vdc
NOTE;
ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5 V; TA = –40°C to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave Input)
ft
0.1
1.4
1.1
GHz
Supply Current Output Unloaded (Pin 2)
ICC
4.7
6.5
mA
Supply Current Output Unloaded (Pin 2) at 5.0 Vdc
ICCH
5.8
8.0
mA
Modulus Control Input High (MC)
VIH1
2.0
VCC
V
Modulus Control Input Low (MC)
VIL1
0.8
V
Divide Ratio Control Input High (SW)
VIH2
VCC
VCC
VCC
Vdc
Divide Ratio Control Input Low (SW)
VIL2
Open
Open
Open
Output Voltage Swing (CL = 12 pF; RL = 1.1 kΩ at 2.7 Vdc)
Vout
0.8
1.0
Vpp
Output Voltage Swing (CL = 12 pF; RL = 2.2 kΩ at 5.0 Vdc)
Vout
1.0
1.6
Vpp
Modulus Setup Time MC to Out
tset
11
16
ns
Input Voltage Sensitivity 250–1100 MHz
100–250 MHz
Vin(min)
100
400
1500
1500
mVpp
Output Current (CL = 12 pF; RL = 2.2 kΩ at 2.7 Vdc)
IO
1.2
4.0
mA
Output Current (CL = 12 pF; RL = 2.2 kΩ at 5.0 Vdc)
IO
1.2
4.0
mA


同様の部品番号 - MC12022LVBD

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC120228BP MOTOROLA-MC120228BP Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022AD MOTOROLA-MC12022AD Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022AP MOTOROLA-MC12022AP Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022B MOTOROLA-MC12022B Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
More results

同様の説明 - MC12022LVBD

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
MC12022TSA MOTOROLA-MC12022TSA Datasheet
90Kb / 4P
   첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12036A MOTOROLA-MC12036A Datasheet
100Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER WITH STAND?밄Y MODE
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com