データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

MC12033BP データシート(PDF) 2 Page - Motorola, Inc

部品番号. MC12033BP
部品情報  MECL PLL COMPONENTS ÷32/33, ÷64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo 

MC12033BP Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC12033A MC12033B
2
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.0 V; TA = –40 to 85°C, unless otherwise noted.)
Parameter
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave)
ft
0.5
2.4
2.0
GHz
Supply Current Output (Pin 2)
VCC = 2.7 V
VCC = 5.0 V
ICC
10.0
13.0
12.5
16.0
mA
Modulus Control Input HIGH (MC)
VIH1
2.0
VCC
V
Modulus Control Input LOW (MC)
VIL1
Gnd
0.8
V
Divide Ratio Control Input HIGH (SW)
VIH2
VCC
VCC
VCC
V
Divide Ratio Control Input LOW (SW)
VIL2
OPEN
OPEN
OPEN
Output Voltage Swing (Note 1)
CL = 8.0 pF; RL = 600 Ω
VOUT
0.8
1.2
Vpp
Modulus Setup Time MC to OUT @ 2000 MHz
tset
8.0
10
ns
Input Voltage Sensitivity
500–2000 MHz
VIN
100
1000
mVpp
Output Current (Note 2) VCC = 2.7V, CL = 8.0 pF, RL = 600 Ω
VCC = 5.0 V, CL = 8.0 pF, RL = 1.5 kΩ
IO
2.4
2.4
4.0
4.0
mA
NOTES: 1. Valid over voltage range 2.7 to 5.0 V; RL = 600 Ω @ VCC = 2.7 V; RL = 1.5 kΩ @ VCC = 5.0 V
2. Divide ratio of
÷32/33 @ 2.0 GHz
A
H
G
F
E
D
In
MC
In
SW
Out
Q
S
Q
C
QB
D
Q
C
QB
D
QB
C
Q
D
C
QB
D
QB
C
Q
D
QB
C
Q
D
B
QB
C
Q
D
C
QB
C
Q
D
M
Modulus setup time MC to out is the MC
setup or MC release plus the prop delay.
Prop. Delay
In
Out
MC
MC Setup
MC Release
Figure 1. Logic Diagram (MC12033A)
Figure 2. Modulus Setup Time
Figure 3. AC Test Circuit
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 8.0 pF (Including Scope
and jig capacitance)
RL = 600 Ω @ VCC = 2.7 V
RL = 1.5 kΩ @ VCC = 5.0 V
CL
MC Input
C2
C1
C3
VCC = 2.7 to 5.0 V
50
Sine Wave Generator
SW
VCC
OUT
Gnd
MC
IN
IN
RL


Html ページ

1  2  3  4 


Datasheet Download




リンク URL