データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12098 データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC12098
部品情報  MECL PLL COMPONENTS 첨8192 PRESCALER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12098 データシート(HTML) 1 Page - Motorola, Inc

  MC12098 Datasheet HTML 1Page - Motorola, Inc MC12098 Datasheet HTML 2Page - Motorola, Inc MC12098 Datasheet HTML 3Page - Motorola, Inc MC12098 Datasheet HTML 4Page - Motorola, Inc MC12098 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MC12098
SEMICONDUCTOR
TECHNICAL DATA
MECL PLL COMPONENTS
÷8192 PRESCALER
Order this document by MC12098/D
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
MC12098D
TA = –40° to +85°C
SO–8
PIN CONNECTIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
1
8
NC
(Top View)
8
Gnd
IN
IN
VCC
OUT
VCCO
GndO
7
6
5
1
2
3
4
2.5 GHz Prescaler
The MC12098 is a single modulus divide by 8192 prescaler for low power
frequency division of a 2.5 GHz high frequency input signal. The low power
(3.6 mA typical at 5.0 V) and high operating frequency features make this
prescaler ideal in satellite TV receiver applications.
The MC12098 is pin and functionally compatible to the Plessey SP4982,
but with significantly lower power consumption.
On-chip output termination provides 2.0 mA of output current to drive a
12 pF (typical) high impedance load. The output voltage swing under typical
supply voltage and temperature conditions is 1.1 V. If additional drive is
required for the prescaler output, an external resistor can be added in
parallel from the OUT pin to GND to increase the output power. Care must be
taken not to exceed the maximum allowable current through the output.
2.5 GHz Toggle Frequency
Supply Voltage 2.7 to 5.5 V
Low Power Dissipation 18 mW Typical
Operating Temperature Range of –40 to 85°C
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Power Supply Voltage, Pin 4
VCC
–0.5 to 6.0
VDC
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Maximum Output Current, Pin 7
IO
4.0
mA
NOTE:
ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 V; TA = –40 to 85°C,
unless otherwise noted.)
Parameter
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave)
ft
0.5
3.0
2.5
GHz
Supply Current Output (Pin 4)
ICC
-
3.6
6.5
mA
Input Voltage Sensitivity
500–2500 MHz
Vin
140
-
1000
mVpp
Output Voltage Swing (Note 1)
Vout
0.8
1.1
-
Vpp
NOTE:
1. Assumes CL = 12 pF
© Motorola, Inc. 1997
Rev 2


同様の部品番号 - MC12098

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12090 MOTOROLA-MC12090 Datasheet
121Kb / 4P
   MECL PLL COMPONENTS HIGH?밪PEED PRESCALER
logo
ON Semiconductor
MC12093 ONSEMI-MC12093 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
MC120932MNR4 ONSEMI-MC120932MNR4 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
More results

同様の説明 - MC12098

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12076 MOTOROLA-MC12076 Datasheet
84Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12078 MOTOROLA-MC12078 Datasheet
85Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12074 MOTOROLA-MC12074 Datasheet
89Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12089 MOTOROLA-MC12089 Datasheet
74Kb / 4P
   MECL PLL COMPONENTS 첨64/128 PRESCALER
MC12090 MOTOROLA-MC12090 Datasheet
121Kb / 4P
   MECL PLL COMPONENTS HIGH?밪PEED PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12066 MOTOROLA-MC12066 Datasheet
142Kb / 4P
   MECL PLL COMPONENTS 첨64/256 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com