データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13030DW データシート(PDF) 10 Page - Motorola, Inc

部品番号 MC13030DW
部品情報  DUAL CONVERSION AM RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13030DW データシート(HTML) 10 Page - Motorola, Inc

Back Button MC13030DW Datasheet HTML 6Page - Motorola, Inc MC13030DW Datasheet HTML 7Page - Motorola, Inc MC13030DW Datasheet HTML 8Page - Motorola, Inc MC13030DW Datasheet HTML 9Page - Motorola, Inc MC13030DW Datasheet HTML 10Page - Motorola, Inc MC13030DW Datasheet HTML 11Page - Motorola, Inc MC13030DW Datasheet HTML 12Page - Motorola, Inc MC13030DW Datasheet HTML 13Page - Motorola, Inc MC13030DW Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC13030
10
MOTOROLA ANALOG IC DEVICE DATA
secondary, but, like with the one for the first mixer, if the
secondary is tuned, the tap can be adjusted for the
impedance of the 455 kHz filter. Wideband filters usually have
a higher terminating resistance than the narrowband ones.
The recommended coil is made this way.
The IF amplifier is basically a transconductance amplifier
because the output is a current source. The output is also
internally connected to a high impedance AM detector. gm for
the IF amplifier is
≈ 0.028 mho. The voltage gain will be the
detector coil impedance x 0.028. This can be designed to
give the desired audio output level for a given RF input level.
If it is set too high, the receiver may oscillate with no input
signal. The application circuit was designed for a relatively
narrow bandwidth, so a tapped detector coil is used to get the
desired gain. If a wide bandwidth receiver is desired, the
detector coil can be untapped, and a resistor can be added
across the coil to get the desired Q.
The detector output on Pin 13 is a low impedance. It
supplies the IF AGC signal to Pin 12, so the audio must be
filtered out. The time constant of this filter is up to the
designer. The main requirement is usually the allowable
audio distortion at 100 Hz, 80% modulation. If the time
constant is made too long, the audio level will be slow to
correct when changing stations.
The Signal Strength (S) output is dependent only on the
IF amplifier input level. Its maximum voltage is about 5.0 V
with a 75 k load resistor. The range can be reduced by
using a lower value for the resistor on Pin 11. The S signal
will stop increasing when the RF AGC circuits become
active, so if the RF AGC threshold is set too low, or there is
too much loss from the Mixer2 output to the IF input, the
maximum S signal will be reduced. The desired load
resistor on Pin 11 (R11) can be determined using the curve
of Pin 11 current versus IF input.
Setting the RF AGC threshold is probably the most difficult
because a trade–off between allowable interference and
suppression of desired signals must be made.
First select the values for both mixers:
a. Using the formula Pin = IP3 – DR/2
Select the desired dynamic range and calculate the
maximum input levels for both mixers. Remember that all
levels must be in dB, dB
µV or dBm. Let DR = 50 dB. IP3
for Mixer2 = 112 dB
µV. Therefore, Pinmax = 87 dBµV. IP3
for Mixer1 = 127 dB
µV. Therefore, Pinmax = 102 dBµV.
b. First, adjust the resistor from Pin 6 to ground to give
the desired maximum input level to Mixer2. From the
curve of Pin 6 current versus Mixer2 input level,
R6 = 1.2/110
µA = 11 k. Rint = 39 k, so R6ext = 15 k.
c. From the curve of Pin 6 current versus Mixer1 input level,
determine how much more gain would be required in the
Mixer1 AGC circuit to achieve the desired dynamic range
for Mixer1. From the curve of Relative Sensitivity versus
R7 determine the value of R7. Alternatively, R7 can be
adjusted to give the desired maximum input level to
Mixer1.
The resulting R7 may be too small to set the AGC
threshold of Mixer1 as low as desired. Also, if R7 is less than
680
Ω, the AGC sensitivity for the Mixer1 input falls off at
higher frequencies, so in these cases, the resistor from Pin 6
to ground must be reduced to achieve the desired level
because the overload of Mixer1 provides the most important
spurious response rejection. However, if the AGC level is set
too high, the IF in signal may become too large and the IF
amplifier can overload with strong signals. The values used in
the application are more conservative.
The gain from the antenna input to the point being
measured are shown on the AM radio application. These are
helpful when calculating audio sensitivity and troubleshooting
a new radio.


同様の部品番号 - MC13030DW

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13001XP MOTOROLA-MC13001XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007X MOTOROLA-MC13007X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007XP MOTOROLA-MC13007XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
More results

同様の説明 - MC13030DW

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
3848 ALLEGRO-3848 Datasheet
75Kb / 3P
   DUAL-CONVERSION AM RECEIVER
logo
Siemens Semiconductor G...
TDA4360X SIEMENS-TDA4360X Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com