データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13145 データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC13145
部品情報  UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13145 データシート(HTML) 4 Page - Motorola, Inc

  MC13145 Datasheet HTML 1Page - Motorola, Inc MC13145 Datasheet HTML 2Page - Motorola, Inc MC13145 Datasheet HTML 3Page - Motorola, Inc MC13145 Datasheet HTML 4Page - Motorola, Inc MC13145 Datasheet HTML 5Page - Motorola, Inc MC13145 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC13145
4
MOTOROLA RF/IF DEVICE DATA
INDIVIDUAL BLOCK SPECIFICATIONS (continued)
LOCAL OSCILLATOR ELECTRICAL CHARACTERISTICS (TA = 25°C; VCC = 3.0 Vdc, unless otherwise noted)
Typical
Unit
Characteristics
Symbol
900
1900
Unit
MHz
LO Emitter Current (Enable = high)
2.0
TBD
mA
Phase Noise @ 10 kHz Offset
–80
–75
dBc/Hz
Modulation Sideband
–40
TBD
dBc
PRESCALAR ELECTRICAL CHARACTERISTICS (TA = 25°C; VCC = 3.0 Vdc, unless otherwise noted)
Typical
Unit
Characteristics
Symbol
900
1900
Unit
MHz
Divide Ratio
– MC = low
65
65
– MC = high
64
64
Output Impedance
50
50
W
Prescalar Output Level (10 k
W//8pF load)
0.5
0.5
Vpp
MC Input Level
0.5
0.5
Vpp
MC Current Input (optional)
200
200
mApp
Prescalar Out to IF Amp and Lim Amp Input Leakage
–85
TBD
dBm
IF AND LIMITING AMPLIFIERS ELECTRICAL CHARACTERISTICS (TA = 25°C; VCC = 3.0 Vdc,
unless otherwise noted)
Characteristics
Symbol
Typical
Unit
IF and Lim Amplifier Bandwidth
40
MHz
IF Amplifier Gain
40
dB
IF Amplifier Noise Figure
7.0
dB
IF Input & Output Impedance
330
W
IF Amp Input & Output Match
20
dB
Limiting Amplifier Gain
85
dB
Lim Amp Input Impedance
330
W
Lim Amp Input Match
15
dB
IF Amp Output to Lim Amp Input Leakage (at 10.7 MHz)
80
dB
RSSI Dynamic Range
80
dB
RSSI Slope
0.5
mA/dB
RSSI Current Range
0 to 40
mA
RSSI Response Time
1.0
ms
COILLESS DEMODULATOR ELECTRICAL CHARACTERISTICS (TA = 25°C; VCC = 3.0 Vdc,
unless otherwise noted)
Characteristics
Symbol
Typical
Unit
Demodulator Output (at 25 kHz deviation)
DetOut
0.5
Vpp
Center Frequency
10.7
MHz
Frequency Adjust
<20
MHz
Bandwidth Adjust
100 to 600
kHz
Output Impedance
2000
W
Settling Time (assert Enable pin)
TBD
ms


同様の部品番号 - MC13145

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC13145FTA LANSDALE-MC13145FTA Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
MC13145FTA LANSDALE-MC13145FTA Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
More results

同様の説明 - MC13145

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com