データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV228 データシート(PDF) 1 Page - Caddock Electronics, Inc.

部品番号 MV228
部品情報  Type MV Low Resistance Power Film Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CADDOCK [Caddock Electronics, Inc.]
ホームページ  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

MV228 データシート(HTML) 1 Page - Caddock Electronics, Inc.

  MV228 Datasheet HTML 1Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2010 Caddock Electronics, Inc.
ELECTRONICS, INC.
28_IL109.0610_B
Type MV Low Resistance Power Film Resistors
Values from 0.1 ohm to 50 ohms with Exclusive Non-Inductive Design
Model
No.
Watt-
age
Oper.
Temp.
(Max.)
Dielect.
Strength Min.
Max.
A
B
C
Leadwire
Resistance
Dimensions in inches and (millimeters)
MV
217
1.5
275°C
800
0.20 Ω
50 Ω
.400 ±.060
(10.16 ±1.52)
.140 ±.030
(3.56 ±.76)
.025 ±.002
(.64 ±.05) Solderable
MV
228
2.0
275°C
1,000
0.10 Ω 50 Ω
.480 ±.060
(12.19 ±1.52)
.230 ±.030
(5.84 ±.76)
.040 ±.002
(1.02 ±.05)
MV
234
3.0
275°C
1,000
0.10 Ω
50 Ω
.570 ±.060
(14.48 ±1.52)
.300 ±.030
(7.62 ±.76)
.040 ±.002
(1.02 ±.05)
MV
261
6.0
275°C
1,000
0.10 Ω
50 Ω
.910 ±.060
(23.11 ±1.52)
.350 ±.040
(8.89 ±.76)
.040 ±.002
(1.02 ±.05)
MV
311
10.0
275°C
1,000
0.10 Ω
50 Ω
2.000 ±.080
(50.80 ±2.03)
.350 ±.040
(8.89 ±1.02)
.040 ±.002
(1.02 ±.05)
Solderable
Solderable
Solderable
Solderable
Specifications:
Resistance Tolerance: ±1% (5% and 10% are
also available).
Temperature Coefficient: 5 ohms and above,
±100 ppm/°C, referenced to +25°C, ∆R taken at
-15°C and +105°C.
Below 5 ohms, ±(200 ppm + 0.00002 ohm)/°C,
referenced to +25°C, ∆R taken at -15°C and
+105°C.
Insulation Resistance: 10,000 Megohms, min.
Momentary Overload: 5 times rated power for
5 seconds, ∆R ±(1 percent + 0.001 ohm) max.
Thermal Shock: Mil-Std-202, Method 107, Cond.
C, ∆R ±(1 percent + 0.001 ohm) max.
Moisture Resistance: Mil-Std-202, Method 106,
R ±(1 percent + 0.001 ohm) max.
Load Life: 1,000 hours at +25°C at rated
power, ∆R ±(1 percent + 0.001 ohm) max.
Encapsulation: High Temperature Silicone
Conformal.
Measurement Note: For these specifications,
resistance measurement shall be made at a
point 0.3 inch (7.62 mm) from the resistor body.
MV261
MV228
MV311
MV217
MV234
Type MV Low Resistance Power Film Resistors combine Caddock's
Exclusive Non-Inductive Design with many high performance capabilities of
Micronox® resistance films to achieve these special advantages:
Low Resistance - from 0.1 ohm to 50 ohms.
Maximum Operating Temperature up to +275°C.
Five Sizes and Power Ratings.
Full Power Ratings without derating for Non-Inductive Performance.
See MP900 Series Power Resistor Products for Resistances as Low as 0.005Ω.
The interdigitated terminations in the Type MV resistors provide a multiple-
path distribution of the current into parallel resistance sections, which provides
low resistance values and non-inductive performance. This Exclusive Non-
Inductive Design provides significant performance improvements in high speed
or inductance sensitive electronic circuits, including high performance power
amplifiers, high-speed data transmission systems, high frequency video
amplifiers, current switching circuits, and current sensing circuits.
MV Exclusive
Non-Inductive
Design
1.500 ± .125
(38.10 ± 3.18)
A
B
C
RATED LOAD, %
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0
25
75
125 175 225 275
DIMENSIONS IN INCHES AND (MILLIMETERS)
Derating
Curve:
MV234 - 0.10 - 1%
Model Number:
Resistor Value:
Tolerance
Ordering Information:


同様の部品番号 - MV228

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV228 ETC2-MV228 Datasheet
122Kb / 1P
   Low Resistance Power Film Resistors
logo
Caddock Electronics, In...
MV228 CADDOCK-MV228 Datasheet
478Kb / 1P
   Type MV Low Resistance Power Film Resistors
More results

同様の説明 - MV228

メーカー部品番号データシート部品情報
logo
Caddock Electronics, In...
MV217 CADDOCK-MV217_17 Datasheet
478Kb / 1P
   Type MV Low Resistance Power Film Resistors
logo
List of Unclassifed Man...
MV217 ETC2-MV217 Datasheet
122Kb / 1P
   Low Resistance Power Film Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com