データシートサーチシステム |
|
74404054220 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
74404054220 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
4 / 6 page 1.3 1.2 1.1 1.0 REV 2015-05-18 2014-09-08 2014-06-12 2014-02-03 DATE SSt SSt SSt SSt BY JRS JRS SSt JRS CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION WE-LQS SMD Power Inductor Order.- No. 74404054220 SIZE A4 Size: 5040 H1: Classification Reflow Profile for SMT components: H2: Classification Reflow Profiles Profile Feature Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (ts) from (Tsmin to Tsmax) Ramp-up rate (TL to TP) Liquidous temperature (TL) Time (tL) maintained above TL Peak package body temperature (Tp) Time within 5°C of actual peak temperature (tp) Ramp-down rate (TP to TL) Time 25°C to peak temperature Pb-Free Assembly 150°C 200°C 60-120 seconds 3°C/ second max. 217°C 60-150 seconds See Table H3 20-30 seconds 6°C/ second max. 8 minutes max. refer to IPC/JEDEC J-STD-020D H3: Package Classification Reflow Temperature PB-Free Assembly PB-Free Assembly PB-Free Assembly Package Thickness < 1.6 mm 1.6 - 2.5 mm ≥ 2.5 mm Volume mm³ <350 260°C 260°C 250°C Volume mm³ 350 - 2000 260°C 250°C 245°C Volume mm³ >2000 260°C 245°C 245°C refer to IPC/JEDEC J-STD-020D H Soldering Specifications: This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
同様の部品番号 - 74404054220 |
|
同様の説明 - 74404054220 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |