データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74438336033 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74438336033
部品情報  WE-MAPI SMD Shielded Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74438336033 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74438336033 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438336033 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438336033 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438336033 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438336033 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438336033 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438336033 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Packaging Specification - Tape and Reel: [mm]
No Component
min. 160 mm
Components
No Component
min. 100 mm
Cover Tape
min. 400 mm
Carrier Tape
Cover Tape
Packaging is referred to the international standard
IEC 60286 -3:2013
P2
P0
A0
P1
D1
D0
T
T1
K0
T2
top cover
tape
Start
End
Feeding direction
A0
B0
W
P1
T
T1
T2
D0
E1
E2
F
P0
P2
Tape Type
VPE / packaging unit
tolerance
typ.
typ.
±0,1
±0,1
±0,1
max.
typ.
+0,1/ -0,0
±0,1
min.
±0,05
±0,1
±0,05
pcs.
size
3020
3,68
3,68
12,00
8,00
0,30
0,10
2,30
1,50
1,75
10,25
5,50
4,00
2,00
Polystyrene
1000
165° - 180°
Pull-of force
Tape width
12 mm
0,1 N - 1,3 N
B
C
W3
W2
W**
close to center
A
B
C
D
N
W1
W2
W3
W3
tolerance
±2,0
min.
±0,8
min.
±2,0
+2,0
max.
min.
max.
Tape width
12 mm
178,00
1,50
13,00
20,20
50,00
12,40
18,40
11,90
15,40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
SSt
DDe
DIN ISO 2768-1m
DESCRIPTION
WE-MAPI SMD Shielded Power
Inductor
ORDER CODE
74438336033
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
3020
001.001
Valid
2015-11-10
eiSos
4/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74438336033

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744383360033 WURTH-744383360033 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383360047 WURTH-744383360047 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383360068 WURTH-744383360068 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438336010 WURTH-74438336010 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438336012 WURTH-74438336012 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results

同様の説明 - 74438336033

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744383430056 WURTH-744383430056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383130033 WURTH-744383130033 Datasheet
497Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438333022 WURTH-74438333022_16 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438335068 WURTH-74438335068_16 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438356015 WURTH-74438356015 Datasheet
516Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343015 WURTH-74438343015 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343022 WURTH-74438343022 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357015 WURTH-74438357015 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324033 WURTH-74438324033 Datasheet
1Mb / 6P
   WE-MAPI SMD Shielded Power Inductor
74438324012 WURTH-74438324012 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357012 WURTH-74438357012 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com