データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCE813QPWRQ1 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCE813QPWRQ1
部品情報  Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE813QPWRQ1 データシート(HTML) 10 Page - Texas Instruments

Back Button CDCE813QPWRQ1 Datasheet HTML 6Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 7Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 8Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 9Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 10Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 11Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 12Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 13Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
CDCE813-Q1
SNAS705 – JANUARY 2017
www.ti.com
Product Folder Links: CDCE813-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Control Terminal Configuration
The CDCE813-Q1 device has three user-definable control terminals (S0, S1, and S2), which allow external
control of device settings. They can be programmed to any of the following functions:
Spread-spectrum clocking selection
→ spread type and spread amount selection
Frequency selection
→ switching between any of two user-defined frequencies
Output state selection
→ output configuration and power-down control
The user can predefine up to eight different control settings. Table 1 and Table 2 explain these settings.
Table 1. Control Terminal Definition
EXTERNAL CONTROL
BITS
PLL1 SETTING
Y1 SETTING
Control function
PLL frequency
selection
SSC selection
Output Y2 and Y3
selection
Output Y1 and power-down selection
(1)
Center and down-spread, Frequency0, Frequency1, State0, and State1 are user-definable in PLL1
configuration register.
Table 2. PLL1 Setting (1)
SSCx [3 BITS]
CENTER
DOWN
SSC SELECTION (CENTER AND DOWN)
0
0
0
0% (off)
0% (off)
0
0
1
±0.25%
–0.25%
0
1
0
±0.5%
–0.5%
0
1
1
±0.75%
–0.75%
1
0
0
±1.0%
–1.0%
1
0
1
±1.25%
–1.25%
1
1
0
±1.5%
–1.5%
1
1
1
±2.0%
–2.0%
(1)
Frequency0 and Frequency1 can be any frequency within the
specified fVCO range.
Table 3. PLL1 Setting, Frequency Selection (1)
FSx
FUNCTION
0
Frequency 0
1
Frequency 1
(1)
State0 or State1 selection is valid for both outputs of the
corresponding PLL module and can be power down, Hi-Z state, low,
or active.
Table 4. PLL1 Setting, Output Selection (Y2, Y3) (1)
Y2, Y3
FUNCTION
0
State 0
1
State 1


同様の部品番号 - CDCE813QPWRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE813QPWRQ1 TI1-CDCE813QPWRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results

同様の説明 - CDCE813QPWRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com