データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA2-12SNEN-L データシート(PDF) 3 Page - Kemet Corporation

部品番号 UA2-12SNEN-L
部品情報  Electronic switching systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

UA2-12SNEN-L データシート(HTML) 3 Page - Kemet Corporation

  UA2-12SNEN-L Datasheet HTML 1Page - Kemet Corporation UA2-12SNEN-L Datasheet HTML 2Page - Kemet Corporation UA2-12SNEN-L Datasheet HTML 3Page - Kemet Corporation UA2-12SNEN-L Datasheet HTML 4Page - Kemet Corporation UA2-12SNEN-L Datasheet HTML 5Page - Kemet Corporation UA2-12SNEN-L Datasheet HTML 6Page - Kemet Corporation UA2-12SNEN-L Datasheet HTML 7Page - Kemet Corporation UA2-12SNEN-L Datasheet HTML 8Page - Kemet Corporation UA2-12SNEN-L Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Pin Configurations
Bottom view
-
+
+
-
R
S
+
-
S: Coil polarity for Set
R: Coil polarity for Reset
1
2
3
4
8
7 6
5
Single coil latch type
(Reset position)
Non-latch type
(Non-energized position)
1
2
3
4
8
7 6
5
Safety Standards and Ratings
Certification Body
Mark
Specification
File Number
Rating
UL
Part number
Manufacturer
Country of origin
Date code
Direction mark
(pin No. 1 and 10)
UL, CSA marking
0501F
EA2-5NU
JAPAN
0501F
EA2-5NU
JAPAN
UL Recognized
(UL508)1
E73266
30 VDC, 1 A (resistive)
110 VDC, 0.3 A (resistive)
125 VAC, 0.5 A (resistive)
CSA
Part number
Manufacturer
Country of origin
Date code
Direction mark
(pin No. 1 and 10)
UL, CSA marking
0501F
EA2-5NU
JAPAN
0501F
EA2-5NU
JAPAN
CSACertified
(CSA 22.2 #14)
LR46266
1
Spacing: UL840
2
Spacing: CSA std950
Certification Body
Mark
Specification
File Number
Class
Rating
TUV
TUVCertified
(EN61810)
2050596
Basic insulation
Creepage and clearance of coil to
contact is more than 2 mm
(According to EN60950)
Environmental Compliance
All KEMET relays are RoHS Compliant.


同様の部品番号 - UA2-12SNEN-L

メーカー部品番号データシート部品情報
logo
NEC
UA2 NEC-UA2 Datasheet
926Kb / 7P
   Miniature Relays
UA2 NEC-UA2 Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
List of Unclassifed Man...
UA208 ETC2-UA208 Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
UA208A ETC2-UA208A Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UA2311 UTC-UA2311 Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
More results

同様の説明 - UA2-12SNEN-L

メーカー部品番号データシート部品情報
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com