データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCS8212 データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TPCS8212
部品情報  Silicon N Channel MOS Type (U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8212 データシート(HTML) 5 Page - Toshiba Semiconductor

  TPCS8212 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8212 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCS8212
2002-01-17
5
RDS (ON) – Ta
IDR – VDS
Capacitance – VDS
Vth – Ta
PD – Ta
Dynamic input/output characteristics
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
0
0.4
0.8
1.2
1.6
−80
−40
0
40
80
120
160
Common source
VDS = 10 V
ID = 200 µA
Pulse test
0.1
1
10
Ciss
Coss
Crss
100
10
100
1000
10000
Common source
Ta
= 25°C
VGS = 0 V
f
= 1 MHz
0
8
24
32
16
0
2
4
6
8
10
0
4
8
12
16
20
Common source
ID = 6 A
Ta
= 25°C
Pulse test
VDD = 16 V
VDS
VGS
0
0
0.2
0.4
0.6
0.8
1
1.2
50
100
200
150
(1)
(4)
(3)
(2)
Device mounted on a glass-epoxy board (a)
(Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b)
(Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual
operation (Note 3b)
t
= 10 s
1
0
0.2
0.4
0.6
0.8
1.0
1.2
3
10
VGS = −1 V
1
Common source
Ta
= 25°C
Pulse test
3
0
10
5
5
−80
−40
0
40
120
160
80
Common source
Pulse test
ID = 1.5, 3, 6 A
VGS = 2 V
VGS = 2.5 V
VGS = 4 V
50
60
30
40
10
20
0


同様の部品番号 - TPCS8212

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
More results

同様の説明 - TPCS8212

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC6003 TOSHIBA-TPC6003_07 Datasheet
236Kb / 7P
   Silicon N Channel MOS Type (U-MOSIII)
TPC8108 TOSHIBA-TPC8108 Datasheet
342Kb / 7P
   Silicon P Channel MOS Type (U-MOSIII)
TPCF8201 TOSHIBA-TPCF8201 Datasheet
187Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCA8005-H TOSHIBA-TPCA8005-H Datasheet
192Kb / 4P
   Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com