データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3389 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 2SK3389
部品情報  Switching Regulator, DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3389 データシート(HTML) 2 Page - Toshiba Semiconductor

  2SK3389 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3389 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3389 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3389 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3389 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3389 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3389
2002-03-04
2
Electrical Characteristics (Note 4) (Tc
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
µA
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0 V
100
µA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 38 A
3.8
5.0
m
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 38 A
35
70
S
Input capacitance
Ciss
3530
Reverse transfer capacitance
Crss
570
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1870
pF
Rise time
tr
10
Turn-on time
ton
25
Fall time
tf
20
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 µs
65
ns
Total gate charge
(gate-source plus gate-drain)
Qg
62
Gate-source charge
Qgs
43
Gate-drain (“miller”) charge
Qgd
VDD ∼− 24 V, VGS = 10 V, ID = 75 A
19
nC
Note 4: Please connect the S1 pin and S2 pin, and then ground the connected pin.
(However, while switching times are measured, please don’t connect and ground it.)
Source-Drain Ratings and Characteristics (Note 5) (Tc
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1, Note 5)
IDR1
75
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP1
300
A
Continuous drain reverse current
(Note 1, Note 5)
IDR2
1
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP2
4
A
Forward voltage (diode)
VDS2F
IDR1 = 75 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
120
ns
Reverse recovery charge
Qrr
IDR = 75 A, VGS = 0 V,
dIDR/dt = 50 A/µs
180
nC
Note 5: drain, flowing current value between the S2 pin, open the S1 pin
drain, flowing current value between the S1 pin, open the S2 pin
Unless otherwise specified, please connect the S1 and S2 pins, and then ground the connected pin.
Marking
VDD ∼− 15 V
0 V
VGS
10 V
ID = 38 A
VOUT
※ Lot Number
Month (starting from alphabet A)
Year
(last number of the christian era)
Type
K3389


同様の部品番号 - 2SK3389

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3389 TOSHIBA-2SK3389 Datasheet
188Kb / 7P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389_06 Datasheet
188Kb / 7P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

同様の説明 - 2SK3389

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com