データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14XXXUBCL データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC14XXXUBCL
部品情報  Dual 2-wide, 2-input Expandable And-Or-Invert Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXUBCL データシート(HTML) 4 Page - Motorola, Inc

  MC14XXXUBCL Datasheet HTML 1Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 2Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 3Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 4Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 5Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 6Page - Motorola, Inc MC14XXXUBCL Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14506UB
4
Figure 2. Typical Output Source
Characteristics Test Circuit
Figure 3. Typical Output Sink
Characteristics Test Circuit
EXTERNAL
POWER
SUPPLY
IOH
VOH
VDD
16
VSS
8
ZA
ZB
INH
AA
BA
CA
DA
EA
AB
BB
CB
DB
EB
DIS
VDD
16
VOL
IOL
EXTERNAL
POWER
SUPPLY
ZA
ZB
INH
AA
BA
CA
DA
EA
AB
BB
CB
DB
EB
DIS
VSS
8
Figure 4. 3–State Leakage Current
Test Circuit
Figure 5. Typical Power Dissipation
Test Circuit
VDD
VDD
ITL
16
VSS
8
ZA
ZB
INH
AA
BA
CA
DA
EA
AB
BB
CB
DB
EB
DIS
PULSE
GENERATOR
50% DUTY CYCLE
0.01
µF
CERAMIC
VDD
16
ZA
ZB
INH
AA
BA
CA
DA
EA
AB
BB
CB
DB
EB
DIS
VSS
8
CL
CL
IDD
500
µF
B
A


同様の部品番号 - MC14XXXUBCL

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
310Kb / 13P
   NBCD Adder
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

同様の説明 - MC14XXXUBCL

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD14506B HITACHI-HD14506B Datasheet
81Kb / 6P
   Dual 2-wide 2-input Expandable AND-OR-INVERT Gate
logo
National Semiconductor ...
DM7450 NSC-DM7450 Datasheet
88Kb / 4P
   Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
SN5450 TI1-SN5450_14 Datasheet
317Kb / 9P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
SN5450 TI-SN5450 Datasheet
114Kb / 4P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
   Dual 2-wide 2-input AND-OR-invert gate
January 1995
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com