データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K10104TETLD データシート(PDF) 5 Page - COSMO Electronics Corporation

部品番号 K10104TETLD
部品情報  LOW INPUT CURRENT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10104TETLD データシート(HTML) 5 Page - COSMO Electronics Corporation

  K10104TETLD Datasheet HTML 1Page - COSMO  Electronics Corporation K10104TETLD Datasheet HTML 2Page - COSMO  Electronics Corporation K10104TETLD Datasheet HTML 3Page - COSMO  Electronics Corporation K10104TETLD Datasheet HTML 4Page - COSMO  Electronics Corporation K10104TETLD Datasheet HTML 5Page - COSMO  Electronics Corporation K10104TETLD Datasheet HTML 6Page - COSMO  Electronics Corporation K10104TETLD Datasheet HTML 7Page - COSMO  Electronics Corporation K10104TETLD Datasheet HTML 8Page - COSMO  Electronics Corporation K10104TETLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00003.3
- 5 -
http://www.cosmo-ic.com
cosmo
K1010 T Series
LOW INPUT CURRENT
PHOTOCOUPLER
Fig.6 Collector Current
Fig.7 Relative Current Transfer Ratio
vs. Collector-Emitter Voltage
vs. Ambient Temperature
0
01
1
2
23
4
6
57
0.5mA
9
8
5mA
I =10mA
4
3
5
6
Ta=25°
1mA
C
0.1mA
F
-5 5
0
0
50
25
50
115
75
I = 1 m A
V
= 5 V
150
100
F
CE
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation Voltage
Fig.9 Collector-Emitter Saturation
vs. Ambient Temperature
Voltage vs. Forward Current
0
-55
0
50
25
75
115
Ic=1m A
0.02
0.04
0.06
0.10
0.08
0.12
0.16
0.14
I =20m A
F
0
5
0
10
1
2
3
5
4
6
7
C
Ta=25°
Ic=7m A
Ic=5m A
Ic=3m A
Ic=1m A
Ic=0.5m A
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10 Response Time (Rise)
Fig.11 Response Time (Fall)
vs. Load Resistance
vs. Load Resistance
10
1
0. 1
tr
0. 5
0. 2
0. 1
1
2
5
10
20
100
50
Ic = 2 m A
V
= 2 V
T a = 25° C
CE
10
0. 1
1
0. 1
0. 2
1
0. 5
5
2
20
10
T a = 25°
Ic = 2 m A
V
= 2 V
100
50
C
tf
CE
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


同様の部品番号 - K10104TETLD

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K10104TE COSMO-K10104TE Datasheet
170Kb / 6P
   High Reliability Photocoupler
More results

同様の説明 - K10104TETLD

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com