データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQY213TRU データシート(PDF) 1 Page - COSMO Electronics Corporation

部品番号 KAQY213TRU
部品情報  4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY213TRU データシート(HTML) 1 Page - COSMO Electronics Corporation

  KAQY213TRU Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY213TRU Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY213TRU Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY213TRU Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY213TRU Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY213TRU Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY213TRU Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY213TRU Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY213TRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00003.5
- 1 -
http://www.cosmo-ic.com
cosmo
KAQY213 Series
4PIN 250V N.O TYPE
SOLID STATE RELAY-MOSFET Output
 Description
The KAQY213 series is robust, ideal for telecom and
ground fault applications. It is a SPST normally open switch
(1 Form A) that replaces electromechanical relays in many
applications. It is constructed using a GaAlAs LED for
actuation control and an integrated monolithic die for the
switch
output. The
die,
fabricated
in
a
high-voltage
dielectrically
isolated
technology,
is
comprised
of
a
photodiode array, switch control circuitry and MOSFET
switches.
 Schematic
4
1
1 FORM A
NORMALLY OPEN
3
2
4
3
1
2
 Features
1. Normally Open, Single Pole Single Throw
2. Control 250V AC or DC Voltage
3. Switch 200mA Loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High Isolation Voltage 5KV (DIP / SMD)
8. Pb free and RoHS compliant
9. MSL class 1
10. Agency Approvals:
• UL Approved (No. E169586, E108430): UL1577, UL508
C-UL Approved (No. E169586, E108430)
• VDE Approved (No. 40020973): DIN EN60747-5-5
 Application
Telecommunications (PC, electronic notepad)
Modem
Telephone equipment
Security equipment
Sensors
Measuring and testing equipment
Factory automation equipment
High speed inspection machines


同様の部品番号 - KAQY213TRU

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY213A COSMO-KAQY213A Datasheet
166Kb / 7P
   PRODUCT SPECIFICATION
KAQY213A COSMO-KAQY213A Datasheet
166Kb / 7P
   PRODUCT SPECIFICATION
KAQY213A COSMO-KAQY213A Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY213H COSMO-KAQY213H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results

同様の説明 - KAQY213TRU

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY214 COSMO-KAQY214_15 Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com