データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G01 データシート(PDF) 8 Page - XP Power Limited

部品番号 G01
部品情報  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G01 データシート(HTML) 8 Page - XP Power Limited

Back Button G01 Datasheet HTML 2Page - XP Power Limited G01 Datasheet HTML 3Page - XP Power Limited G01 Datasheet HTML 4Page - XP Power Limited G01 Datasheet HTML 5Page - XP Power Limited G01 Datasheet HTML 6Page - XP Power Limited G01 Datasheet HTML 7Page - XP Power Limited G01 Datasheet HTML 8Page - XP Power Limited G01 Datasheet HTML 9Page - XP Power Limited G01 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4726BH01
PAGE 8
WWW.XPPOWER.COM
G SERIES – ACCESSORY
2.40
(60.96)
1.60
(40.64)
0.80
(20.32)
0.300
(7.62)
2.000
(50.80)
0.31
(7.87)
0.68
(17.27)
0.40
(10.16)
0.20
(5.08)
1.60
(40.64)
0.300
(7.62)
Ø
0.140 (3.56) THRU
2 PLACES
4-40 SOLDERABLE
GROUNDING STUD
2 PLACES
HIGH
VOLTAGE
The “AB” Series provides low cost EMI/RFI shielding and rugged
mounting for XP EMCO High Voltage DC to DC converters. These
five-sided aluminum enclosures feature a durable, non-conductive
black anodized finish. The enclosures are manufactured at our own
sheet metal fabrication facility, which allows for low cost and stock
delivery. Add an “AB” suffix to the model number for a factory-installed
enclosure (e.g. E10AB). Contact our sales department by phone, fax
or email for immediate attention.
On models with outputs of 3kV or higher, special care must be taken
to ensure adequate spacing and insulation between the metal can
and the high voltage output. Single sided layout, encapsulants or
conformal coating may be required.
Case grounding stud must be connected to ground. Case ground is
not internally connected to (-) input.
SHIELD DESCRIPTION
APPLICATION INFORMATION
PARAMETER
VALUE
BOX SIZE
See Table
MATERIAL
0.03 (0.76mm) Aluminum
MOUNTING
Two Tabs With Thru-Holes
PARAMETER
VALUE
GROUND
Black Anodized Aluminum
DIMENSIONS WITH TAB
2.4L (60.96) x 1.6W (40.64) x 0.68H (17.27)
DIMENSIONS
WITHOUT TAB
1.6L (40.64) x 1.6W (40.64) x 0.68H (17.27)
EXTERNAL EMI/RFI SHIELD


同様の部品番号 - G01

メーカー部品番号データシート部品情報
logo
Powerbox
G01 POWERBOX-G01 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Deep Sea Electronics
G0123 DSE-G0123 Datasheet
699Kb / 3P
   Analogue Load Share Lines Interface
logo
Gennum Corporation
G01535-CTXE3 GENNUM-G01535-CTXE3 Datasheet
80Kb / 5P
   Reference Crystal
logo
List of Unclassifed Man...
G01BA ETC1-G01BA Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G01BB ETC1-G01BB Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
More results

同様の説明 - G01

メーカー部品番号データシート部品情報
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com