データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBTH10LT3G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MMBTH10LT3G
部品情報  VHF/UHF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTH10LT3G データシート(HTML) 2 Page - ON Semiconductor

  MMBTH10LT3G Datasheet HTML 1Page - ON Semiconductor MMBTH10LT3G Datasheet HTML 2Page - ON Semiconductor MMBTH10LT3G Datasheet HTML 3Page - ON Semiconductor MMBTH10LT3G Datasheet HTML 4Page - ON Semiconductor MMBTH10LT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBTH10L, MMBTH10−4L, SMMBTH10−4L, NSVMMBTH10L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
25
Vdc
Collector−Base Breakdown Voltage
(IC = 100 μAdc, IE = 0)
V(BR)CBO
30
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 μAdc, IC = 0)
V(BR)EBO
3.0
Vdc
Collector Cutoff Current
(VCB = 25 Vdc, IE = 0)
ICBO
100
nAdc
Emitter Cutoff Current
(VEB = 2.0 Vdc, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 4.0 mAdc, VCE = 10 Vdc)
MMBTH10LT1G, NSVMMBTH10LT1G
MMBTH10−4LT1G, SMMBTH10−4LT3G
hFE
60
120
240
Collector−Emitter Saturation Voltage
(IC = 4.0 mAdc, IB = 0.4 mAdc)
VCE(sat)
0.5
Vdc
Base−Emitter On Voltage
(IC = 4.0 mAdc, VCE = 10 Vdc)
VBE
0.95
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 4.0 mAdc, VCE = 10 Vdc, f = 100 Mhz)
MMBTH10LT1G, NSVMMBTH10LT1G
MMBTH10−4LT1G, SMMBTH10−4LT3G
fT
650
800
MHz
Collector−Base Capacitance
(VCB= 10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
0.7
pF
Common−Base Feedback Capacitance
(VCB= 10 Vdc, IE = 0, f = 1.0 MHz)
Crb
0.65
pF
Collector Base Time Constant
(IC= 4.0 mAdc, VCB = 10 Vdc, f = 31.8 MHz)
rb
′Cc
9.0
ps
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


同様の部品番号 - MMBTH10LT3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MMBTH10LT3G ONSEMI-MMBTH10LT3G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
More results

同様の説明 - MMBTH10LT3G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
   VHF/UHF transistor
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
   VHF/UHF Transistor
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
   VHF/UHF TRANSISTOR
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
   VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
logo
Continental Device Indi...
CMBT918 CDIL-CMBT918 Datasheet
132Kb / 3P
   VHF/UHF TRANSISTOR
logo
Motorola, Inc
MMBTH69LT1 MOTOROLA-MMBTH69LT1 Datasheet
74Kb / 4P
   UHF/VHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MSD2714AT1 ONSEMI-MSD2714AT1_06 Datasheet
54Kb / 4P
   VHF/UHF Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
MMBTH81LT1 MOTOROLA-MMBTH81LT1 Datasheet
73Kb / 4P
   UHF/VHF Transistor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com