データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ15002G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MJ15002G
部品情報  Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15002G データシート(HTML) 2 Page - ON Semiconductor

  MJ15002G Datasheet HTML 1Page - ON Semiconductor MJ15002G Datasheet HTML 2Page - ON Semiconductor MJ15002G Datasheet HTML 3Page - ON Semiconductor MJ15002G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ15001 (NPN), MJ15002 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC, = 200 mAdc, IB = 0)
VCEO(sus)
140
Vdc
Collector Cutoff Current
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc)
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc, TC = 150°C)
ICEX
100
2.0
mAdc
mAdc
Collector Cutoff Current
(VCE = 140 Vdc, IB = 0)
ICEO
250
mAdc
Emitter Cutoff Current
(VEB = 5 Vdc, IC = 0)
IEBO
100
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 40 Vdc, t = 1 s (non−repetitive))
(VCE = 100 Vdc, t = 1 s (non−repetitive))
IS/b
5.0
0.5
Adc
ON CHARACTERISTICS
DC Current Gain
(IC = 4 Adc, VCE = 2 Vdc)
hFE
25
150
Collector−Emitter Saturation Voltage
(IC = 4 Adc, IB = 0.4 Adc)
VCE(sat)
1.0
Vdc
Base−Emitter On Voltage
(IC = 4 Adc, VCE = 2 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain — Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, ftest = 0.5 MHz)
fT
2.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
1000
pF
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2%.
5
Figure 1. Active−Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5
7
10
200
10
2
2
3
50 70 100
20
30
7
200
1
3
0.5
0.2
0.7
0.3
TC = 25°C
TJ = 200°C
BONDING WIRE LIMITED
THERMAL LIMITATION (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW RATED VCEO
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 1 is based on TJ (pk) = 200°C; TC is
variable depending on conditions. At high case
temperatures, thermal limitations will reduce the power that
can be handled to values less than the limitations imposed by
second breakdown.


同様の部品番号 - MJ15002G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJ15002G ONSEMI-MJ15002G Datasheet
71Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 4
More results

同様の説明 - MJ15002G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com