データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC849BLT1G データシート(PDF) 8 Page - ON Semiconductor

部品番号 BC849BLT1G
部品情報  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC849BLT1G データシート(HTML) 8 Page - ON Semiconductor

Back Button BC849BLT1G Datasheet HTML 4Page - ON Semiconductor BC849BLT1G Datasheet HTML 5Page - ON Semiconductor BC849BLT1G Datasheet HTML 6Page - ON Semiconductor BC849BLT1G Datasheet HTML 7Page - ON Semiconductor BC849BLT1G Datasheet HTML 8Page - ON Semiconductor BC849BLT1G Datasheet HTML 9Page - ON Semiconductor BC849BLT1G Datasheet HTML 10Page - ON Semiconductor BC849BLT1G Datasheet HTML 11Page - ON Semiconductor BC849BLT1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BC846ALT1G Series
www.onsemi.com
8
BC847B, BC848B, BC849B, BC850B, SBC846B, SBC847B, SBC848B
Figure 24. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 25. Base−Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
1.0
10
100
-55
°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
Figure 26. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 27. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4
0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7
1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib


同様の部品番号 - BC849BLT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC849BLT1G ONSEMI-BC849BLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC849BLT1G ONSEMI-BC849BLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC849BLT1G ONSEMI-BC849BLT1G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results

同様の説明 - BC849BLT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com