データシートサーチシステム |
|
MC14XXXBCP データシート(PDF) 6 Page - Motorola, Inc |
|
MC14XXXBCP データシート(HTML) 6 Page - Motorola, Inc |
6 / 7 page MOTOROLA CMOS LOGIC DATA MC14581B 6 OUTLINE DIMENSIONS P SUFFIX PLASTIC DIP PACKAGE CASE 709–02 ISSUE C L SUFFIX CERAMIC DIP PACKAGE CASE 623–05 ISSUE M NOTES: 1. POSITIONAL TOLERANCE OF LEADS (D), SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL CONDITION, IN RELATION TO SEATING PLANE AND EACH OTHER. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. DIM MIN MAX MIN MAX INCHES MILLIMETERS A 31.37 32.13 1.235 1.265 B 13.72 14.22 0.540 0.560 C 3.94 5.08 0.155 0.200 D 0.36 0.56 0.014 0.022 F 1.02 1.52 0.040 0.060 G 2.54 BSC 0.100 BSC H 1.65 2.03 0.065 0.080 J 0.20 0.38 0.008 0.015 K 2.92 3.43 0.115 0.135 L 15.24 BSC 0.600 BSC M 0 15 0 15 N 0.51 1.02 0.020 0.040 _ _ _ _ 1 12 13 24 B H A F D G K SEATING PLANE N C M J L NOTES: 1. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 2. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION (WHEN FORMED PARALLEL). 1 12 24 13 B A SEATING PLANE F D G K N C M J L DIM MIN MAX MIN MAX INCHES MILLIMETERS A 31.24 32.77 1.230 1.290 B 12.70 15.49 0.500 0.610 C 4.06 5.59 0.160 0.220 D 0.41 0.51 0.016 0.020 F 1.27 1.52 0.050 0.060 G 2.54 BSC 0.100 BSC J 0.20 0.30 0.008 0.012 K 3.18 4.06 0.125 0.160 L 15.24 BSC 0.600 BSC M 0 15 0 15 N 0.51 1.27 0.020 0.050 _ _ _ _ |
同様の部品番号 - MC14XXXBCP |
|
同様の説明 - MC14XXXBCP |