データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02067 データシート(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02067
部品情報  Rise and fall times <150 ps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067 データシート(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02067 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02067 -12/-13
7
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
2.0 Pin Description
2.1
Pin Descriptions
Table 2-1.
Pin Descriptions
Pin Number
Pin Name
Function
1
ENA
Bias and modulation output enable (TTL/CMOS). Logic HIGH for normal operation.
2
DIS
Bias and modulation output disable (TTL/CMOS). Logic LOW for normal operation.
3BIASMON
Bias monitor. Connect a resistor between this pin and VCC to monitor bias current. Connect to VCC if not used.
4MODMON
Modulation monitor. Connect a resistor between this pin and VCC to monitor modulation current. Connect to
VCC if not used.
5FAIL
Mean power control failure indicator (TTL/CMOS). Goes LOW when control loop is no longer able to maintain
constant current at PD.
6OCA
Over-current alarm (TTL/CMOS). Goes LOW when IBIAS exceeds the preset bias current limit.
7
GND
Ground.
8
BIAS
Laser bias current output.
9VCC
Power supply.
10
OUT+
Positive modulation current output. Sinks current when DIN is HIGH.
11
OUT-
Negative modulation current output. Sinks current when DIN is HIGH.
12
GNDA
Ground to output stage.
13
PD
Monitor photodiode input. This input is connected to the monitor photodiode anode for automatic power
control.
14
CMPC
Mean power control dominant pole capacitor. Connect to VCC via a capacitor.
15
GND
Ground.
16
TCSLOPE
Connecting a resistor between this pin and ground sets the temperature coefficient of IMODSET.
17
TCSTART
Secondary temperature coefficient of IMOD. A resistor on this pin to ground sets the threshold temperature at
which compensation starts.
18
MODSET
Modulation current set. Connect a resistor between this pin and ground to set.
19
OCASET
Over-current alarm set. Connect a resistor between this pin and ground to set.
20
VCC
Power supply.
21
DIN
Positive data input (PECL). Self biased.


同様の部品番号 - M02067

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02067-E-EVM MA-COM-M02067-E-EVM Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02067-TEVM MA-COM-M02067-TEVM Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02067G-12 MA-COM-M02067G-12 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02067G-13 MA-COM-M02067G-13 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results

同様の説明 - M02067

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
   Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
Pyramid Semiconductor C...
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com