データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02067-E-EVM データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02067-E-EVM
部品情報  Rise and fall times <150 ps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067-E-EVM データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02067-E-EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
2
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
Ordering Information
Part Number
Package
M02067G-12
QFN package (-12 marking)
M02067G-13
QFN package (-12
marking)
M02067-TEVM
TO-Can optical evaluation board
M02067-E-EVM
Electrical evaluation board
* The letter “G” designator after the part number indicates that the device is RoHS-compliant.
Revision History
Revision
Level
Date
Description
V4
Release
May 2015
Updated logos and page layout. No content changes.
G (V3)
Release
July 2011
Added M02067G-13 ordering information and screen limit.
F (V2)
Release
January 2011
Revised RMODSET value in Table 1-3, Note 4.
Revised production test conditions in Table 1-5.
E (V1)
Release
November 2010
Updated ordering information, packaging information. Added DC screen information.
Replaced all CX02067 references with M02067.
D
Preliminary
October 2007
Updated ordering information.
C
Preliminary
June 2006
Added RoHS package information, updated format, no specification changes.
B
Preliminary
May 2005
Updated to new data sheet format.
A
Advance
October 2003
Advance.
M02067-12 and M02067-13 Marking Diagrams
XXXXX
YYWW CC
02067G
Part Number
Lot Number
Date and Country Code
XXXXX
YYWW CC
02067G
-12
-12
M02067G-12
M02067G-13


同様の部品番号 - M02067-E-EVM

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02067-E-EVM MA-COM-M02067-E-EVM Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results

同様の説明 - M02067-E-EVM

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
   Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
Pyramid Semiconductor C...
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com