データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM251N データシート(PDF) 10 Page - Analog Devices

部品番号 ADuM251N
部品情報  High common-mode transient immunity: 100 kV/關s
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM251N データシート(HTML) 10 Page - Analog Devices

Back Button ADuM251N Datasheet HTML 6Page - Analog Devices ADuM251N Datasheet HTML 7Page - Analog Devices ADuM251N Datasheet HTML 8Page - Analog Devices ADuM251N Datasheet HTML 9Page - Analog Devices ADuM251N Datasheet HTML 10Page - Analog Devices ADuM251N Datasheet HTML 11Page - Analog Devices ADuM251N Datasheet HTML 12Page - Analog Devices ADuM251N Datasheet HTML 13Page - Analog Devices ADuM251N Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADuM250N/ADuM251N/ADuM252N
Data Sheet
Rev. 0 | Page 10 of 22
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity7
|CMH|
75
100
kV/µs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
|CML|
75
100
kV/µs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
1
150 Mbps is the highest data rate that can be guaranteed, although higher data rates are possible.
2
IOx is the Channel x output current, where x = A, B, C, D, or E.
3
VIxH is the input side logic high.
4
VIxL is the input side logic low.
5
VI is the voltage input.
6
N0 refers to the ADuM250N0/ADuM251N0/ADuM252N0 models. N1 refers to the ADuM250N1/ADuM251N1/ADuM252N1 models. See the Ordering Guide section.
7
|CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 VDDx. |CML| is the maximum common-
mode voltage slew rate that can be sustained while maintaining VO > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode
voltage edges.
Table 8. Total Supply Current vs. Data Throughput
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
ADuM250N
Supply Current Side 1
IDD1
9.07
14.0
10.0
16.2
13.8
21.8
mA
Supply Current Side 2
IDD2
3.30
5.30
4.55
7.75
8.71
16.4
mA
ADuM251N
Supply Current Side 1
IDD1
7.99
13.3
8.98
15.3
12.8
21.1
mA
Supply Current Side 2
IDD2
4.89
8.56
6.06
10.7
10.1
17.8
mA
ADuM252N
Supply Current Side 1
IDD1
6.62
11.1
7.68
13.1
11.6
18.3
mA
Supply Current Side 2
IDD2
6.38
10.1
7.45
11.9
11.5
18.7
mA


同様の部品番号 - ADuM251N

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ AD-ADUM210N0BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ-RL AD-ADUM210N0BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ AD-ADUM210N1BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ-RL AD-ADUM210N1BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
More results

同様の説明 - ADuM251N

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM160N AD-ADUM160N Datasheet
551Kb / 23P
   High common-mode transient immunity
logo
Vishay Siliconix
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
Rev. 2.1, 09-Mar-12
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800-500E AVAGO-HCPL-7800-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-000E AVAGO-HCPL-7800A-000E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com