データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1401 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 SMV1401
部品情報  Silicon Abrupt Tuning Varactor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMV1401 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMV1401 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMV1401 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMV1401 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Abrupt Tuning Varactor Diodes
Rev. V1
SMV14xx Series
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: TC = +25°C
Features
 High Capacitance Ratios
 Linear Tuning Between 2 and 8 Volts
 Available over a Broad Range of Junction
Capacitance
 Satisfies a Large Number of Broadband
Applications thru the VHF Frequency Band
 RoHS* Compliant
Description
The SMV14xx Series tuning varactors are silicon
abrupt junction devices. They are designed for RF
and Microwave applications in VCO’s, tunable filters,
and matching networks. Available in a wide range of
capacitance ratio values.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Chip
SOT-23
SOD-323
SOD-523
TO-92
Part Number
Reverse Voltage
Capacitance Ratio
Quality Factor
Total Capacitance1
VB
CT
CT
CR
Q
IR = 10 µA
VR = 1 V, 1 MHz
VR = 2 V, 1 MHz
CT1 V / CT10 V CT2 V / CT10 V VR = 2 V, 1 MHz
Min.
Min.
Max.
Min.
Max.
Min.
Min.
SMV1401
12
440
660
14:1
200
SMV1402
12
45
69
10:1
200
SMV1403
12
140
210
10:1
200
SMV1404
12
96
144
10:1
200
SMV1405
12
200
300
10:1
200
SMV1406
12
80
120
10:1
200
SMV1407
12
54
82
10:1
200
SMV1408
12
37
57
10:1
200
SMV1409
12
26
40
10:1
200
SMV1410
12
17
27
9.5:1
200
SMV1411
12
12
18
8.5:1
200
SMV1412
12
8
12
7.5:1
200
1. CT value given in chip form and will vary depending upon the desired packaging type.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Power Dissipation
250 mW
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +200°C
ESD & Moisture Sensitivity Level Rating
As are all semiconductors, silicon hyperabrupt
tuning varactor diode are susceptible to damage
from
ESD
events.
Proper
ESD
prevention
procedures should be followed. The ESD rating for
these devices is Class 0 (HBM).


同様の部品番号 - SMV1401

メーカー部品番号データシート部品情報
logo
Knox Semiconductor, Inc
SMV1401 KNOX-SMV1401 Datasheet
37Kb / 1P
   SILICON HYPERABRUPT TUNING DIODES
logo
Alpha Industries
SMV1401-98 ALPHA-SMV1401-98 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
SMV1401-99 ALPHA-SMV1401-99 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
More results

同様の説明 - SMV1401

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4090-X MA-COM-MTV4090-X Datasheet
571Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4060-X MA-COM-MTV4060-X Datasheet
684Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
logo
Advanced Semiconductor
PC115A ASI-PC115A Datasheet
20Kb / 1P
   SILICON ABRUPT TUNING VARACTOR
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
AT9017-10 ASI-AT9017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com