データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM261N0BRIZ データシート(PDF) 8 Page - Analog Devices

部品番号 ADuM261N0BRIZ
部品情報  High common-mode transient immunity: 100 kV/關s
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM261N0BRIZ データシート(HTML) 8 Page - Analog Devices

Back Button ADuM261N0BRIZ Datasheet HTML 4Page - Analog Devices ADuM261N0BRIZ Datasheet HTML 5Page - Analog Devices ADuM261N0BRIZ Datasheet HTML 6Page - Analog Devices ADuM261N0BRIZ Datasheet HTML 7Page - Analog Devices ADuM261N0BRIZ Datasheet HTML 8Page - Analog Devices ADuM261N0BRIZ Datasheet HTML 9Page - Analog Devices ADuM261N0BRIZ Datasheet HTML 10Page - Analog Devices ADuM261N0BRIZ Datasheet HTML 11Page - Analog Devices ADuM261N0BRIZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADuM260N/ADuM261N/ADuM262N/ADuM263N
Data Sheet
Rev. 0 | Page 8 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Undervoltage Lockout
Positive VDDx Threshold
VDDxUV+
1.6
V
Negative VDDx Threshold
VDDxUV−
1.5
V
VDDx Hysteresis
VDDxUVH
0.1
V
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity7
|CMH|
75
100
kV/μs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
|CML|
75
100
kV/μs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
1 150 Mbps is the highest data rate that can be guaranteed, although higher data rates are possible.
2 IOx is the Channel x output current, where x = A, B, C, D, E, or F.
3 VIxH is the input side logic high.
4 VIxL is the input side logic low.
5 VI is the voltage input.
6 N0 refers to the ADuM260N0/ADuM261N0/ADuM262N0/ADuM263N0 models. N1 refers to the ADuM260N1/ADuM261N1/ADuM262N1/ADuM263N1 models. See the
Ordering Guide section.
7 |CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 VDDx. |CML| is the maximum common-
mode voltage slew rate that can be sustained while maintaining VO > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode
voltage edges.
Table 6. Total Supply Current vs. Data Throughput
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
ADuM260N
Supply Current Side 1
IDD1
10.4
15.4
11.2
18.4
16
24
mA
Supply Current Side 2
IDD2
3.3
5.3
4.8
7.2
9.8
17.9
mA
ADuM261N
Supply Current Side 1
IDD1
8.9
14.1
10.1
16.3
14.8
23.6
mA
Supply Current Side 2
IDD2
5.0
8.7
6.5
11.1
11.4
20.1
mA
ADuM262N
Supply Current Side 1
IDD1
8.1
12.6
9.4
14.4
14.1
23.2
mA
Supply Current Side 2
IDD2
6.5
10.2
7.8
12.1
12.4
20.1
mA
ADuM263N
Supply Current Side 1
IDD1
7.1
11.9
8.5
13.9
13.6
21
mA
Supply Current Side 2
IDD2
8.3
13.4
9.7
15.2
14.8
21.3
mA


同様の部品番号 - ADuM261N0BRIZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ AD-ADUM210N0BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ-RL AD-ADUM210N0BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ AD-ADUM210N1BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ-RL AD-ADUM210N1BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
More results

同様の説明 - ADuM261N0BRIZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
ADUM160N AD-ADUM160N Datasheet
551Kb / 23P
   High common-mode transient immunity
logo
Vishay Siliconix
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
Rev. 2.1, 09-Mar-12
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800-500E AVAGO-HCPL-7800-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-000E AVAGO-HCPL-7800A-000E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com