データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM4121BRIZ-RL データシート(PDF) 3 Page - Analog Devices

部品番号 ADuM4121BRIZ-RL
部品情報  2 A peak output current (<2RDSON)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM4121BRIZ-RL データシート(HTML) 3 Page - Analog Devices

  ADuM4121BRIZ-RL Datasheet HTML 1Page - Analog Devices ADuM4121BRIZ-RL Datasheet HTML 2Page - Analog Devices ADuM4121BRIZ-RL Datasheet HTML 3Page - Analog Devices ADuM4121BRIZ-RL Datasheet HTML 4Page - Analog Devices ADuM4121BRIZ-RL Datasheet HTML 5Page - Analog Devices ADuM4121BRIZ-RL Datasheet HTML 6Page - Analog Devices ADuM4121BRIZ-RL Datasheet HTML 7Page - Analog Devices ADuM4121BRIZ-RL Datasheet HTML 8Page - Analog Devices ADuM4121BRIZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADuM4121/ADuM4121-1
Rev. 0 | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Low-side voltages referenced to GND1. High side voltages referenced to GND2; 2.5 V ≤ VDD1 ≤ 6.5 V; 4.5 V ≤ VDD2 ≤ 35 V, TJ = −40°C to
+125°C. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All typical
specifications are at TJ = 25°C, VDD1 = 5.0 V, VDD2= 15 V.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
High Side Power Supply
VDD2 Input Voltage
VDD2
4.5
35
V
VDD2 Input Current, Quiescent
IDD2(Q)
2.3
2.7
mA
Logic Supply
VDD1 Input Voltage
VDD1
2.5
6.5
V
Input Current
IDD1
3.6
5
mA
VI+ = high, VI− = low
Logic Inputs (VI+, VI−)
Input Current
II+, II
−1
0.01
+1
µA
Input Voltage
Logic High
VIH
0.7 × VDD1
V
2.5 V ≤ VDD1 ≤ 5 V
3.5
V
VDD1 > 5 V
Logic Low
VIL
0.3 × VDD1
V
2.5 V ≤ VDD1 ≤ 5 V
1.5
V
VDD1 > 5 V
UVLO
VDD1
Positive-Going Threshold
VVDD1UV+
2.45
2.5
V
Negative-Going Threshold
VVDD1UV−
2.3
2.35
V
Hysteresis
VVDD1UVH
0.1
V
VDD2
Grade A
Positive Going Threshold
VVDD2UV+
4.4
4.5
V
Negative Going Threshold
VVDD2UV−
4.1
4.2
V
Hysteresis
VVDD2UVH
0.2
V
Grade B
Positive Going Threshold
VVDD2UV+
7.3
7.5
V
Negative Going Threshold
VVDD2UV−
6.9
7.1
V
Hysteresis
VVDD2UVH
0.2
V
Grade C
Positive Going Threshold
VVDD2UV+
11.3
11.6
V
Negative Going Threshold
VVDD2UV−
10.8
11.1
V
Hysteresis
VVDD2UVH
0.2
V
Thermal Shutdown (TSD)
The ADuM4121-1 does not have TSD
Positive Edge
TTSD_POS
155
°C
Hysteresis
TTSD_HYST
30
°C
Internal NMOS Gate Resistance
RDSON_N
0.6
1.6
Ω
Tested at 250 mA, VDD2 = 15 V
0.6
1.6
Ω
Tested at 1 A, VDD2 = 15 V
Internal PMOS Gate Resistance
RDSON_P
0.8
1.8
Ω
Tested at 250 mA, VDD2 = 15 V
0.8
1.8
Ω
Tested at 1 A, VDD2 = 15 V
Internal Miller Clamp Resistance
RDSON_MILLER
0.8
2
Ω
Tested at 200 mA, VDD2 = 15 V
Miller Clamp Voltage Threshold
VCLP_TH
1.75
2
2.25
V
Referenced to GND2, VDD2 = 15 V
Peak Current
IPK
2.3
A
VDD2 = 12 V, 4 Ω gate resistance
SWITCHING SPECIFICATIONS
Pulse Width
PW
50
ns
CL = 2 nF, VDD2 = 15 V, RGON1 = RGOFF1 = 5 Ω
Propagation Delay
Rising Edge2
tDLH
22
32
42
ns
CL = 2 nF, VDD2 = 15 V, RGON = RGOFF = 5 Ω
Falling Edge2
tDHL
30
38
53
ns
CL = 2 nF, VDD2 = 15 V, RGON = RGOFF = 5 Ω


同様の部品番号 - ADuM4121BRIZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EP AD-ADUM4121-1TRIZ-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EPR AD-ADUM4121-1TRIZ-EPR Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
More results

同様の説明 - ADuM4121BRIZ-RL

メーカー部品番号データシート部品情報
logo
M.S. Kennedy Corporatio...
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Dialog Semiconductor
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com