データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM4121CRIZ データシート(PDF) 10 Page - Analog Devices

部品番号 ADuM4121CRIZ
部品情報  2 A peak output current (<2RDSON)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM4121CRIZ データシート(HTML) 10 Page - Analog Devices

Back Button ADuM4121CRIZ Datasheet HTML 6Page - Analog Devices ADuM4121CRIZ Datasheet HTML 7Page - Analog Devices ADuM4121CRIZ Datasheet HTML 8Page - Analog Devices ADuM4121CRIZ Datasheet HTML 9Page - Analog Devices ADuM4121CRIZ Datasheet HTML 10Page - Analog Devices ADuM4121CRIZ Datasheet HTML 11Page - Analog Devices ADuM4121CRIZ Datasheet HTML 12Page - Analog Devices ADuM4121CRIZ Datasheet HTML 13Page - Analog Devices ADuM4121CRIZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADuM4121/ADuM4121-1
Data Sheet
Rev. 0| Page 10 of 16
Figure 16. Rise and Fall Time vs. VDD2, 2 nF Load, 3.9 Ω Resistor
Figure 17. Peak Output Current vs. VDD2, 2 Ω Series Resistance
Figure 18. Typical Output Resistance (RDSON) vs. VDD2
Figure 19. Typical Output Resistance (RDSON) vs. Temperature, VDD2 = 15 V
40
0
10
5
15
25
35
20
30
4.5
9.5
13.5
24.5
19.5
34.5
29.5
VDD2 (V)
tF
tR
9
8
7
5
6
3
4
1
2
0
4.5
9.5
14.5
19.5
24.5
34.5
29.5
VDD2 (V)
SOURCE CURRENT
SINK CURRENT
0.9
0.8
0.7
0.5
0.6
0.3
0.4
0.1
0.2
0
4.5
9.0
13.5
18.0
22.5
31.5
27.0
VDD2 (V)
PMOS
NMOS
1.2
0
0.2
0.6
1.0
0.4
0.8
–40
10
60
110
TEMPERATURE (°C)
PMOS
NMOS


同様の部品番号 - ADuM4121CRIZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EP AD-ADUM4121-1TRIZ-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EPR AD-ADUM4121-1TRIZ-EPR Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
More results

同様の説明 - ADuM4121CRIZ

メーカー部品番号データシート部品情報
logo
M.S. Kennedy Corporatio...
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Dialog Semiconductor
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com