データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM4121-1CRIZ-RL データシート(PDF) 4 Page - Analog Devices

部品番号 ADuM4121-1CRIZ-RL
部品情報  2 A peak output current (<2RDSON)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM4121-1CRIZ-RL データシート(HTML) 4 Page - Analog Devices

  ADuM4121-1CRIZ-RL Datasheet HTML 1Page - Analog Devices ADuM4121-1CRIZ-RL Datasheet HTML 2Page - Analog Devices ADuM4121-1CRIZ-RL Datasheet HTML 3Page - Analog Devices ADuM4121-1CRIZ-RL Datasheet HTML 4Page - Analog Devices ADuM4121-1CRIZ-RL Datasheet HTML 5Page - Analog Devices ADuM4121-1CRIZ-RL Datasheet HTML 6Page - Analog Devices ADuM4121-1CRIZ-RL Datasheet HTML 7Page - Analog Devices ADuM4121-1CRIZ-RL Datasheet HTML 8Page - Analog Devices ADuM4121-1CRIZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADuM4121/ADuM4121-1
Data Sheet
Rev. 0| Page 4 of 16
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Skew3
tPSK
22
ns
CL = 2 nF, VDD2 = 15 V, RGON = RGOFF = 5 Ω
Falling Edge4
tPSKHL
12
ns
CL = 2 nF, VDD2 = 15 V, RGON = RGOFF = 5 Ω
Rising Edge5
tPSKLH
15
ns
CL = 2 nF, VDD2 = 15 V, RGON = RGOFF = 5 Ω
Pulse Width Distortion
tPWD
7
13
ns
CL = 2 nF, VDD2 = 15 V, RGON = RGOFF = 5 Ω
Output Rise/Fall Time (10% to 90%)
tR/tF
11
18
26
ns
CL = 2 nF, VDD2 = 15 V, RGON = RGOFF = 5 Ω
Common-Mode Transient Immunity (CMTI)
|CM|
Static CMTI6
150
kV/µs
VCM = 1500 V
Dynamic CMTI7
150
kV/µs
VCM = 1500 V
1
RGON and RGOFF are the external gate resistors in the test.
2
tDLH propagation delay is measured from the time of the input rising logic high threshold, VIH, to the output rising 10% threshold of the VOUT signal. tDHL propagation
delay is measured from the input falling logic low threshold, VIL, to the output falling 90% threshold of the VOx signal. See Figure 24 for waveforms of the propagation delay
parameters.
3
tPSK is the magnitude of the worst case difference in tDLH and/or tDHL that is measured between units at the same operating temperature, supply voltages, and output
load within the recommended operating conditions. See Figure 24 for waveforms of the propagation delay parameters.
4
tPSKHL is the magnitude of the worst case difference in tDHL that is measured between units at the same operating temperature, supply voltages, and output load within
the recommended operating conditions. See Figure 24 for waveforms of the propagation delay parameters.
5
tPSKLH is the magnitude of the worst case difference in tDLH that is measured between units at the same operating temperature, supply voltages, and output load within
the recommended operating conditions. See Figure 24 for waveforms of the propagation delay parameters.
6
Static common-mode transient immunity (CMTI) is defined as the largest dv/dt between GND1 and GND2, with inputs held either high or low, such that the output
voltage remains either above 0.8 × VDD2 for output high or 0.8 V for output low. Operation with transients above recommended levels can cause momentary data upsets.
7
Dynamic common-mode transient immunity (CMTI) is defined as the largest dv/dt between GND1 and GND2 with the switching edge coincident with the transient test
pulse. Operation with transients above the recommended levels can cause momentary data upsets.
REGULATORY INFORMATION
The ADuM4121/ADuM4121-1 are pending approval by the organizations listed in Table 2.
Table 2.
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
UL1577 Component
Recognition Program
Approved under CSA Component Acceptance
Notice 5A
DIN V VDE V 0884-10
(VDE V 0884-10):2006-12
Certified under CQC11-
471543-2012
Single Protection, 5000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1, second
edition, +A1+A2:
Reinforced insulation, 849 V
peak, VIOSM = 10 kV peak
GB4943.1-2011
Basic insulation at 800 V rms (1131 V peak)
Basic insulation 849 V peak,
VIOSM = 16 kV peak
Basic insulation at 800 V rms
(1131 V peak)
Reinforced insulation at 400 V rms (565 V peak)
Reinforced insulation at
400 V rms (565 V peak)
IEC 60601-1 Edition 3.1:
Basic insulation (1 MOPP), 500 V rms (707 V peak)
Reinforced insulation (2 MOPP), 250 V rms
(1414 V peak)
CSA 61010-1-12 and IEC 61010-1 third edition
Basic insulation at: 600 V rms mains, 800 V
secondary (1089 V peak)
Reinforced insulation at: 300 V rms mains, 400 V
secondary (565 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
PACKAGE CHARACTERISTICS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input Side to High-Side Output)1
RI-O
1012
Ω
Capacitance (Input Side to High-Side Output)1
CI-O
2.0
pF
Input Capacitance
CI
4.0
pF
Junction to Top Characterization Parameter
ΨJT
7.3
°C/W
4-layer PCB
1
The device is considered a two-terminal device: Pin 1 through Pin 4 are shorted together, and Pin 5 through Pin 8 are shorted together.


同様の部品番号 - ADuM4121-1CRIZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EP AD-ADUM4121-1TRIZ-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EPR AD-ADUM4121-1TRIZ-EPR Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
More results

同様の説明 - ADuM4121-1CRIZ-RL

メーカー部品番号データシート部品情報
logo
M.S. Kennedy Corporatio...
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Dialog Semiconductor
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com