データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0708500 データシート(PDF) 6 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-0708500
部品情報  High Speed CMOS Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0708500 データシート(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0708500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Package Characteristics
All Typicals at TA = 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input-Output Insulation
II-O
1
µA
45% RH, t = 5 s
VI-O = 3 kV dc,
TA = 25°C
Input-Output Momentary
VISO
2500
Vrms
RH
≤ 50%, t = 1 min.,
Withstand Voltage
TA = 25°C
Input-Output Resistance
RI-O
1012
VI-O = 500 V dc
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, TA = 25°C
Notes:
1. tPHL propagation delay is measured from the 50% level on the risiing edge of the input pulse to the 2.5 V level of the falling edge
of the VO signal. tPLH propagation delay is measured from the 50% level on the falling edge of the input pulse to the 2.5 V level of
the rising edge of the VO signal.
2. PWD is defined as |tPHL - tPLH|.
3. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given
temperature within the recommended operating conditions.
4. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state.
5. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state.


同様の部品番号 - HCPL-0708500

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0708 AVAGO-HCPL-0708 Datasheet
179Kb / 12P
   High Speed CMOS Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
   High Speed CMOS Optocoupler
More results

同様の説明 - HCPL-0708500

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
   High Speed CMOS Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
   High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
   High Speed CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL0738 HP-HCPL0738 Datasheet
207Kb / 8P
   High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
   HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
   HIGH SPEED OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com