データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74404042330 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74404042330
部品情報  WE-LQS SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74404042330 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74404042330 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404042330 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404042330 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404042330 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404042330 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404042330 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2015-05-18
2014-09-08
2014-06-12
2014-02-03
DATE
SSt
SSt
SSt
SSt
BY
JRS
JRS
SSt
JRS
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-LQS SMD Power Inductor
Order.- No.
74404042330
SIZE
A4
Size: 4018
A Dimensions: [mm]
Reference on drawing
Marking
Description
330 (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 1 V
∆T = 40 K
|ΔL/L| < 30%
@ 20°C
L
IR
Isat
RDC
fres
Value
33
0.65
0.90
460
14
Unit
µH
A
A
MHz
Tol.
±20%
max.
typ.
±20%
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +60°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74404042330

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74404042331 WURTH-74404042331 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
More results

同様の説明 - 74404042330

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74404086151 WURTH-74404086151 Datasheet
450Kb / 6P
   WE-LQS SMD Power Inductor
74404024015 WURTH-74404024015 Datasheet
418Kb / 6P
   WE-LQS SMD Power Inductor
74404052220 WURTH-74404052220 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404052470 WURTH-74404052470 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404064010 WURTH-74404064010 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404064015 WURTH-74404064015 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404024068 WURTH-74404024068 Datasheet
418Kb / 6P
   WE-LQS SMD Power Inductor
74404043221A WURTH-74404043221A Datasheet
305Kb / 5P
   WE-LQS SMD Power Inductor
74404064680 WURTH-74404064680 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404042100 WURTH-74404042100 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404063047 WURTH-74404063047 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com