データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH32245BFG8 データシート(PDF) 7 Page - Integrated Device Technology

部品番号 74ALVCH32245BFG8
部品情報  3.3V CMOS 32-BIT BUS TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74ALVCH32245BFG8 データシート(HTML) 7 Page - Integrated Device Technology

  74ALVCH32245BFG8 Datasheet HTML 1Page - Integrated Device Technology 74ALVCH32245BFG8 Datasheet HTML 2Page - Integrated Device Technology 74ALVCH32245BFG8 Datasheet HTML 3Page - Integrated Device Technology 74ALVCH32245BFG8 Datasheet HTML 4Page - Integrated Device Technology 74ALVCH32245BFG8 Datasheet HTML 5Page - Integrated Device Technology 74ALVCH32245BFG8 Datasheet HTML 6Page - Integrated Device Technology 74ALVCH32245BFG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH32245
3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
7
ORDERING INFORMATION
XX
ALVC
XXXX
XX
Package
Device Type
Temp. Range
32
74
32-bit Bus Transceiver with 3-State Outputs
-40°C to +85°C
XXX
Family
Bus-Hold
245
Bus-Hold
32-Bit Bus Density, ±24mA
H
BF
BFG
Low Profile Fine Pitch Ball Grid Array
LFBGA - Green
Blank
8
Tray
Tape and Reel
X
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
DATASHEETDOCUMENTHISTORY
06/15/2016
Pg. 7
Updated the ordering information by adding Tape and Reel information.


同様の部品番号 - 74ALVCH32245BFG8

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
74ALVCH32245BFG8 RENESAS-74ALVCH32245BFG8 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
More results

同様の説明 - 74ALVCH32245BFG8

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT74LVCH32245A IDT-IDT74LVCH32245A_16 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com