データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2493D データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI2493D
部品情報  Type I and II caller ID decode
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2493D データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI2493D Datasheet HTML 2Page - Silicon Laboratories SI2493D Datasheet HTML 3Page - Silicon Laboratories SI2493D Datasheet HTML 4Page - Silicon Laboratories SI2493D Datasheet HTML 5Page - Silicon Laboratories SI2493D Datasheet HTML 6Page - Silicon Laboratories SI2493D Datasheet HTML 7Page - Silicon Laboratories SI2493D Datasheet HTML 8Page - Silicon Laboratories SI2493D Datasheet HTML 9Page - Silicon Laboratories SI2493D Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Si2493
6
Rev. 1.31
Table 4. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F-grade, Fs = 8 kHz, TA = –40 to 85 °C for G-grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
8
kHz
Clock Input Frequency
FXTL
default
4.9152
MHz
Clock Input Frequency
FXTL
27 MHz Mode1
—27—
MHz
Clock Input Frequency
FXTL
32 kHz Mode1
32.768
kHz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 0
5
Hz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 1
200
Hz
Transmit Full Scale Level2
VFS
—1.1
VPEAK
Receive Full Scale Level2,3
VFS
—1.1
VPEAK
Dynamic Range4
DR
ILIM = 0, DCV = 11, MINI = 00
DCR = 0, IL = 100 mA
—80—
dB
Dynamic Range4
DR
ILIM = 0, DCV = 00, MINI = 11
DCR = 0, IL =20mA
—80—
dB
Dynamic Range4
DR
ILIM = 1, DCV = 11, MINI = 00
DCR = 0, IL =50mA
—80—
dB
Transmit Total Harmonic Distor-
tion5
THD
ILIM = 0, DCV = 11, MINI = 00
DCR = 0, IL = 100 mA
—–72
dB
Transmit Total Harmonic Distor-
tion5
THD
ILIM = 0, DCV = 00, MINI = 11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic Distor-
tion5
THD
ILIM = 0, DCV = 00, MINI = 11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic Distor-
tion5
THD
ILIM = 1,DCV = 11, MINI=00
DCR = 0, IL =50mA
—–78
dB
Dynamic Range (Caller ID Mode)
DRCID
VIN = 1 kHz, –13 dBm
50
dB
Notes:
1. Refer to “AN93: ISOmodem® Chipset Family Designer's Guide” for configuring clock input reset strapping.
2. Measured at TIP and RING with 600
termination at 1 kHz, as shown in Figure 1 on page 5.
3. Receive full scale level produces –0.9 dBFS at DTX.
4. DR = 20 x log |Vin| + 20 x log (rms signal/rms noise). Applies to both transmit and receive paths. Vin = 1 kHz, –3 dBFS.
5. Vin = 1 kHz, –3 dBFS. THD = 20 x log (rms distortion/rms signal).


同様の部品番号 - SI2493D

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results

同様の説明 - SI2493D

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6006 IDT-NW6006 Datasheet
324Kb / 22P
   ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
   Caller ID Telephone IC
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Keysight Technologies
N5391B KEYSIGHT-N5391B Datasheet
3Mb / 8P
   Triggering and Decode
N8817B KEYSIGHT-N8817B Datasheet
8Mb / 8P
   Triggering and decode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com