データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si4032-B1 データシート(PDF) 7 Page - Silicon Laboratories

部品番号 Si4032-B1
部品情報  Remote control
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4032-B1 データシート(HTML) 7 Page - Silicon Laboratories

Back Button Si4032-B1 Datasheet HTML 3Page - Silicon Laboratories Si4032-B1 Datasheet HTML 4Page - Silicon Laboratories Si4032-B1 Datasheet HTML 5Page - Silicon Laboratories Si4032-B1 Datasheet HTML 6Page - Silicon Laboratories Si4032-B1 Datasheet HTML 7Page - Silicon Laboratories Si4032-B1 Datasheet HTML 8Page - Silicon Laboratories Si4032-B1 Datasheet HTML 9Page - Silicon Laboratories Si4032-B1 Datasheet HTML 10Page - Silicon Laboratories Si4032-B1 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Si4030/31/32-B1
Preliminary Rev. 0.1
7
1. Electrical Specifications
Table 1. DC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage Range
VDD
1.8
3.0
3.6
V
Power Saving Modes
IShutdown
RC Oscillator, Main Digital Regulator,
and Low Power Digital Regulator OFF2
—15
50
nA
IStandby
Low Power Digital Regulator ON (Register values retained)
and Main Digital Regulator, and RC Oscillator OFF
450
800
nA
ISleep
RC Oscillator and Low Power Digital Regulator ON
(Register values retained) and Main Digital Regulator OFF
—1
µA
ISensor-LBD
Main Digital Regulator and Low Battery Detector ON,
Crystal Oscillator and all other blocks OFF2
—1
µA
ISensor-TS
Main Digital Regulator and Temperature Sensor ON,
Crystal Oscillator and all other blocks OFF2
—1
µA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF. Crystal Oscillator buffer disabled
—800
µA
TUNE Mode Current
ITune
Synthesizer and regulators enabled
8.5
mA
TX Mode Current
—Si4032
ITX_+20
txpow[2:0] = 111 (+20 dBm)
Using Silicon Labs’ Reference Design. TX current
consumption is dependent on match and board layout.
—85
mA
TX Mode Current
—Si4030/31
ITX_+13
txpow[2:0] = 111 (+13 dBm)
Using Silicon Labs’ Reference Design. TX current
consumption is dependent on match and board layout.
—30
mA
ITX_+1
txpow[2:0] = 011 (+1 dBm)
Using Silicon Labs’ Reference Design. TX current
consumption is dependent on match and board layout.
—18
mA
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section on page 13.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on
page 13.


同様の部品番号 - Si4032-B1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4032-B1 ETC2-SI4032-B1 Datasheet
592Kb / 58P
   Si4030/31/32 ISM TRANSMITTER
logo
Silicon Laboratories
SI4032-B1-FM SILABS-SI4032-B1-FM Datasheet
88Kb / 2P
   Frequency Range = 240??30 MHz
More results

同様の説明 - Si4032-B1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
   Remote control
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
   Remote-Control
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com