データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si4032-B1 データシート(PDF) 10 Page - Silicon Laboratories

部品番号 Si4032-B1
部品情報  Remote control
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4032-B1 データシート(HTML) 10 Page - Silicon Laboratories

Back Button Si4032-B1 Datasheet HTML 6Page - Silicon Laboratories Si4032-B1 Datasheet HTML 7Page - Silicon Laboratories Si4032-B1 Datasheet HTML 8Page - Silicon Laboratories Si4032-B1 Datasheet HTML 9Page - Silicon Laboratories Si4032-B1 Datasheet HTML 10Page - Silicon Laboratories Si4032-B1 Datasheet HTML 11Page - Silicon Laboratories Si4032-B1 Datasheet HTML 12Page - Silicon Laboratories Si4032-B1 Datasheet HTML 13Page - Silicon Laboratories Si4032-B1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Si4030/31/32-B1
10
Preliminary Rev. 0.1
Table 4. Auxiliary Block Specifications1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Temperature Sensor
Accuracy2
TSA
After calibrated via sensor offset
register tvoffs[7:0]
—0.5
°C
Temperature Sensor
Sensitivity2
TSS
—5
mV/°C
Low Battery Detector
Resolution2
LBDRES
—50
mV
Low Battery Detector
Conversion Time2
LBDCT
—250
µs
Microcontroller Clock
Output Frequency
FMC
Configurable to 30 MHz,
15 MHz, 10 MHz, 4 MHz,
3MHz, 2MHz, 1MHz, or
32.768 kHz
32.768K
30M
Hz
General Purpose ADC Res-
olution2
ADCENB
—8
bit
General Purpose ADC Bit
Resolution2
ADCRES
—4
mV/bit
Temp Sensor & General
Purpose ADC Conversion
Time2
ADCCT
—305
µs
30 MHz XTAL Start-Up time
t30M
Using XTAL and board layout in
reference design. Start-up time
will vary with XTAL type and
board layout.
—600
µs
30 MHz XTAL Cap
Resolution2
30MRES
—97
fF
32 kHz XTAL Start-Up Time2
t32k
—6
sec
32 kHz XTAL Accuracy
using 32 kHz XTAL2
32KRES
Using 20 ppm 32 kHz Crystal
100
ppm
32 kHz Accuracy using
Internal RC Oscillator2
32KRCRES
—2500
ppm
POR Reset Time
tPOR
—16
ms
Software Reset Time2
tsoft
—100
µs
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section on page 13.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on
page 13.


同様の部品番号 - Si4032-B1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4032-B1 ETC2-SI4032-B1 Datasheet
592Kb / 58P
   Si4030/31/32 ISM TRANSMITTER
logo
Silicon Laboratories
SI4032-B1-FM SILABS-SI4032-B1-FM Datasheet
88Kb / 2P
   Frequency Range = 240??30 MHz
More results

同様の説明 - Si4032-B1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
   Remote control
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
   Remote-Control
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com