データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4362 データシート(PDF) 4 Page - Silicon Laboratories

部品番号 SI4362
部品情報  Garage and gate openers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4362 データシート(HTML) 4 Page - Silicon Laboratories

  SI4362 Datasheet HTML 1Page - Silicon Laboratories SI4362 Datasheet HTML 2Page - Silicon Laboratories SI4362 Datasheet HTML 3Page - Silicon Laboratories SI4362 Datasheet HTML 4Page - Silicon Laboratories SI4362 Datasheet HTML 5Page - Silicon Laboratories SI4362 Datasheet HTML 6Page - Silicon Laboratories SI4362 Datasheet HTML 7Page - Silicon Laboratories SI4362 Datasheet HTML 8Page - Silicon Laboratories SI4362 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Si4362
4
Rev 0.4
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
25
85
C
Supply Voltage
VDD
1.8
3.6
V
I/O Drive Voltage
VGPIO
1.8
3.6
V
Table 2. DC Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
Range
VDD
1.8
3.3
3.6
V
Power Saving Modes IShutdown
RC Oscillator, Main Digital Regulator,
and Low Power Digital Regulator OFF
—30—
nA
IStandby
Register values maintained and RC
oscillator/WUT OFF
—50—
nA
ISleepRC
RC Oscillator/WUT ON and all register values main-
tained, and all other blocks OFF
—900
nA
ISleepXO
Sleep current using an external 32 kHz crystal.2
—1.7
µA
ISensor
-LBD
Low battery detector ON, register values maintained,
and all other blocks OFF
—1—
µA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF
—1.8
mA
TUNE Mode Current
ITune_RX
RX Tune, High Performance Mode
7.2
mA
RX Mode Current
IRXH
High Performance Mode
13.7
mA
IRXL
Low Power Mode2
—10.7—
mA
Notes:
1. All specifications guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section of "1.1. Definition of Test Conditions" on page 11.
2. Guaranteed by qualification. Qualification test conditions are listed in the “Qualification Test Conditions” section in "1.1.
Definition of Test Conditions" on page 11.


同様の部品番号 - SI4362

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4362 ETC2-SI4362 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362 ETC2-SI4362 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
   Remote control
SI4362-C2A-GM SILABS-SI4362-C2A-GM Datasheet
1Mb / 44P
   HIGH-PERFORMANCE, LOW-CURRENT RECEIVER
Rev 1.0
More results

同様の説明 - SI4362

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RD-710 ETC2-RD-710 Datasheet
1Mb / 9P
   Garage Door/Door Opener/Electronic Gate Remote Controller
logo
ELM Electronics
ELM334 ELM-ELM334_08 Datasheet
57Kb / 7P
   Garage Doorman
logo
Shoulder Electronics Li...
HDR360MS20 SHOULDER-HDR360MS20 Datasheet
119Kb / 6P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
List of Unclassifed Man...
RD-710F ETC2-RD-710F Datasheet
1Mb / 9P
   Garage Door/Door Opener/Electronic Gate Remote Controller
logo
Shoulder Electronics Li...
HDR154MF11 SHOULDER-HDR154MF11 Datasheet
106Kb / 5P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
ELM Electronics
ELM334 ELM-ELM334 Datasheet
29Kb / 4P
   GARAGE DOORMAN
logo
Shoulder Electronics Li...
HDR315MS4 SHOULDER-HDR315MS4 Datasheet
153Kb / 8P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR2245MF11 SHOULDER-HDR2245MF11 Datasheet
103Kb / 5P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
List of Unclassifed Man...
TR-SS1-E36G ETC2-TR-SS1-E36G Datasheet
782Kb / 2P
   Integrated LED Garage Module
RD-747 ETC2-RD-747 Datasheet
745Kb / 15P
   Active RFID Garage Door Control System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com