データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD-MBL106S データシート(PDF) 3 Page - Bourns Electronic Solutions

部品番号 CD-MBL106S
部品情報  RoHS compliant*
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-MBL106S データシート(HTML) 3 Page - Bourns Electronic Solutions

  CD-MBL106S Datasheet HTML 1Page - Bourns Electronic Solutions CD-MBL106S Datasheet HTML 2Page - Bourns Electronic Solutions CD-MBL106S Datasheet HTML 3Page - Bourns Electronic Solutions CD-MBL106S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-MBL1xxSSurfaceMountBridgeRectifierDiode
Product Dimensions
This is an RoHS2 compliant product, packaged with FRP substrate and is epoxy underfilled. The terminals are pure tin plated (lead free) and
are solderable per MIL-STD-750, Method 2026. The package and dimensions are shown below.
Recommended Footprint
Typical Part Marking
How to Order
CD - MBL 1 02 S
Common Code
Chip Diode
Model
MBL = MBL Bridge Series
Average Forward Current
1 = 1 A
Reverse Voltage
02 = 200 V
04 = 400 V
06 = 600 V
08 = 800 V
10 = 1000 V
Forward Voltage Suffix
S = Standard Forward Voltage
MM
(INCHES)
DIMENSIONS:
4.10±0.1
(0.161±0.004)
5.72±0.1
(0.225±0.004)
1.10±0.1
(0.043±0.004)
1.5±0.1
(0.059±0.004)
B
D
E
C
F
A
MM
(INCHES)
DIMENSIONS:
TOP VIEW
Dimensions
A
5.20 - 5.40
(0.205 - 0.213)
B
4.10 - 4.30
(0.161 - 0.169)
C
5.70 - 5.90
(0.224 - 0.232)
D
1.00 - 1.20
(0.039 - 0.047)
E
0.85 - 0.95
(0.033 - 0.037)
F
0.86 - 1.16
(0.0338 - 0.0457)
MANUFACTURER'S
TRADEMARK
FORWARD
CURRENT
x 100 mA
VRMS = 800 V
DATE CODE


同様の部品番号 - CD-MBL106S

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD-MBL106S BOURNS-CD-MBL106S Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL106SL BOURNS-CD-MBL106SL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
More results

同様の説明 - CD-MBL106S

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com