データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4438 データシート(PDF) 4 Page - Silicon Laboratories

部品番号 SI4438
部品情報  Low active power consumption
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4438 データシート(HTML) 4 Page - Silicon Laboratories

  SI4438 Datasheet HTML 1Page - Silicon Laboratories SI4438 Datasheet HTML 2Page - Silicon Laboratories SI4438 Datasheet HTML 3Page - Silicon Laboratories SI4438 Datasheet HTML 4Page - Silicon Laboratories SI4438 Datasheet HTML 5Page - Silicon Laboratories SI4438 Datasheet HTML 6Page - Silicon Laboratories SI4438 Datasheet HTML 7Page - Silicon Laboratories SI4438 Datasheet HTML 8Page - Silicon Laboratories SI4438 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Si4438
4
Rev 1.0
1. Electrical Specifications
Table 1. DC Characteristics*
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
Range
VDD
1.8
3.3
3.6
V
Power Saving Modes IShutdown
RC Oscillator, Main Digital Regulator,
and Low Power Digital Regulator OFF
—30—
nA
IStandby
Register values maintained and RC
oscillator/WUT OFF
—50—
nA
ISleepRC RC Oscillator/WUT ON and all register values main-
tained, and all other blocks OFF
—900
nA
ISleepXO
Sleep current using an external 32 kHz crystal.
1.7
µA
ISensor
-LBD
Low battery detector ON, register values maintained,
and all other blocks OFF
—1—
µA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF
—1.8
mA
TUNE Mode Current
ITune_RX
RX Tune
7.2
mA
ITune_TX
TX Tune
8
mA
RX Mode Current
IRXH
—14—
mA
TX Mode Current
(Si4438)
ITX_+20
+20 dBm output power, class-E match, 490 MHz,
3.3 V
—75—
mA
*Note:
All minimum and maximum values are guaranteed by production test unless otherwise stated. All typical values apply at
VDD = 3.3 V and 25 °C unless otherwise stated.


同様の部品番号 - SI4438

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si4438 SILABS-Si4438 Datasheet
1Mb / 44P
   Low active power consumption
SI4438-C SILABS-SI4438-C Datasheet
1Mb / 44P
   Low active power consumption
SI4438-C2A SILABS-SI4438-C2A Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
Vishay Siliconix
SI4438DY VISHAY-SI4438DY Datasheet
101Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

同様の説明 - SI4438

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4438-C SILABS-SI4438-C Datasheet
1Mb / 44P
   Low active power consumption
logo
ATMEL Corporation
ATAR080 ATMEL-ATAR080_14 Datasheet
883Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
ATAR080-D ATMEL-ATAR080-D_14 Datasheet
913Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com