データシートサーチシステム |
|
MC145425DW データシート(PDF) 9 Page - Motorola, Inc |
|
MC145425DW データシート(HTML) 9 Page - Motorola, Inc |
9 / 16 page MC145421 •MC145425 MOTOROLA 9 In the master, time–out begins on the rising edge of the third MSI following the last received burst. This is equivalent to two MSI frames. The VD output is forced low during time– out. The B channel output data will be unknown, but the D channel bits will remain at their last values. Successful de- modulation of a burst from the slave will result in leaving the time–out state on the next rising MSI edge. When the PD pin is used as an output on the slave UDLT, time–out controls the pin. Time–out forces the PD output low to indicate that the device has powered itself down. In this case, the slave will not transmit to the master. However, when a valid burst is received, time–out ends and the PD pin is driven high to indicate power up. This feature allows the slave UDLT to self–power–up and down in demand–powered loop systems. NOTE The slave uses a free running clock during time– out. After a long period without a burst from the master, the timing between master and slave could be such that more than one burst will be needed to resync the two devices. 125 µs 1ST BIT 2ND BIT 1ST BIT 2ND BIT B CHANNEL 1 OUTPUT B CHANNEL 2 OUTPUT B CHANNEL 2 INPUT B CHANNEL 1 INPUT HIGH–Z MSI VD DCLK D1I, D2I D1O, D2O TDC/RDC TE1 TE2 RE1 RE2 Tx Rx DON’T CARE Figure 1. Typical MC145421 Master ISDN UDLT Timing |
同様の部品番号 - MC145425DW |
|
同様の説明 - MC145425DW |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |