データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145159VF1 データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC145159VF1
部品情報  Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145159VF1 データシート(HTML) 2 Page - Motorola, Inc

  MC145159VF1 Datasheet HTML 1Page - Motorola, Inc MC145159VF1 Datasheet HTML 2Page - Motorola, Inc MC145159VF1 Datasheet HTML 3Page - Motorola, Inc MC145159VF1 Datasheet HTML 4Page - Motorola, Inc MC145159VF1 Datasheet HTML 5Page - Motorola, Inc MC145159VF1 Datasheet HTML 6Page - Motorola, Inc MC145159VF1 Datasheet HTML 7Page - Motorola, Inc MC145159VF1 Datasheet HTML 8Page - Motorola, Inc MC145159VF1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC145159–1
MOTOROLA
2
BLOCK DIAGRAM
* FSO is not and cannot be used as a digital phase detector output.
fV
fR
VSS′
VDD′
APDout
CR
RO
RR
CH
CHARGE
SRout
MC
FSO
LD
LOCK
DETECTOR
DIGITAL
FREQUENCY
STEERING
ANALOG
PHASE
DETECTOR
10-BIT S/R
10-BIT LATCH
10-BIT ÷ N COUNTER
7-BIT S/R
7-BIT LATCH
7-BIT ÷ A COUNTER
CONTROL LOGIC
14-BIT ÷ R COUNTER
14-BIT LATCH
14-BIT S/R
1-BIT S/R
CLK
DATA
fin
OSCin
OSCout
ENB
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 10
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
IDD, ISS
Supply Current, VDD or VSS Pins
± 30
mA
PD
Power Dissipation, per Package
500
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature (8–Second Soldering)
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised that
normal precautions be taken to avoid applica-
tions of any voltage higher than maximum rated
voltages to this high–impedance circuit. For
proper operation it is recommended that Vin and
Vout be constrained to the range VSS ≤ (Vin or
Vout) ≤ VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD).


同様の部品番号 - MC145159VF1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
MC145159-6P LANSDALE-MC145159-6P Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159DW1 LANSDALE-MC145159DW1 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159FN1 MOTOROLA-MC145159FN1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
More results

同様の説明 - MC145159VF1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com