データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA204M-500F データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BTA204M-500F
部品情報  Three quadrant triacs guaranteed commutation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204M-500F データシート(HTML) 3 Page - NXP Semiconductors

  BTA204M-500F Datasheet HTML 1Page - NXP Semiconductors BTA204M-500F Datasheet HTML 2Page - NXP Semiconductors BTA204M-500F Datasheet HTML 3Page - NXP Semiconductors BTA204M-500F Datasheet HTML 4Page - NXP Semiconductors BTA204M-500F Datasheet HTML 5Page - NXP Semiconductors BTA204M-500F Datasheet HTML 6Page - NXP Semiconductors BTA204M-500F Datasheet HTML 7Page - NXP Semiconductors BTA204M-500F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
December 1998
3
Rev 1.000
Philips Semiconductors
Product specification
Three quadrant triacs
guaranteed commutation
BTA204S series D, E and F
BTA204M series D, E and F
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
full cycle
-
-
3.0
K/W
junction to mounting base
half cycle
-
-
3.7
K/W
R
th j-a
Thermal resistance
pcb (FR4) mounted; footprint as in Fig.14
-
75
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BTA204S (or BTA204M)-
...D
...E
...F
I
GT
Gate trigger current
2
V
D = 12 V; IT = 0.1 A
T2+ G+
-
-
5
10
25
mA
T2+ G-
-
-
5
10
25
mA
T2- G-
-
-
5
10
25
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
-
6
12
20
mA
T2+ G-
-
-
9
18
30
mA
T2- G-
-
-
6
12
20
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
-
6
12
20
mA
V
T
On-state voltage
I
T = 5 A
-
1.4
1.7
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A;
0.25
0.4
-
V
T
j = 125 ˚C
I
D
Off-state leakage
V
D = VDRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
current
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BTA204S (or BTA204M)-
...D
...E
...F
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max);20
30
50
-
-
V/
µs
off-state voltage
T
j = 125 ˚C; exponential
waveform; gate open circuit
dI
com/dt
Critical rate of change
V
DM = 400 V; Tj = 125 ˚C;
1.0
2.0
2.5
-
-
A/ms
of commutating current
I
T(RMS) = 4 A;
dV
com/dt = 20V/µs; gate
open circuit
dI
com/dt
Critical rate of change
V
DM = 400 V; Tj = 125 ˚C;
5.0
-
-
-
-
A/ms
of commutating current
I
T(RMS) = 4 A;
dV
com/dt = 0.1V/µs; gate
open circuit
t
gt
Gate controlled turn-on
I
TM = 12 A; VD = VDRM(max);-
-
-
2
-
µs
time
I
G = 0.1 A; dIG/dt = 5 A/µs
2 Device does not trigger in the T2-, G+ quadrant.


同様の部品番号 - BTA204M-500F

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA204M-500B PHILIPS-BTA204M-500B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
BTA204M-500C PHILIPS-BTA204M-500C Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
More results

同様の説明 - BTA204M-500F

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com