データシートサーチシステム |
|
BTA204X-800B データシート(PDF) 4 Page - NXP Semiconductors |
|
BTA204X-800B データシート(HTML) 4 Page - NXP Semiconductors |
4 / 6 page Philips Semiconductors Product specification Three quadrant triacs BTA204X series B and C high commutation Fig.7. Normalised gate trigger current I GT(Tj)/ IGT(25˚C), versus junction temperature Tj. Fig.8. Normalised latching current I L(Tj)/ IL(25˚C), versus junction temperature T j. Fig.9. Normalised holding current I H(Tj)/ IH(25˚C), versus junction temperature T j. Fig.10. Typical and maximum on-state characteristic. Fig.11. Transient thermal impedance Z th j-hs, versus pulse width t p. -50 0 50 100 150 0 0.5 1 1.5 2 2.5 3 BTA204 Tj / C T2+ G+ T2+ G- T2- G- IGT(Tj) IGT(25 C) 0 0.5 1 1.5 2 2.5 3 0 2 4 6 8 10 12 BT136 VT / V IT / A Tj = 125 C Tj = 25 C typ max Vo = 1.27 V Rs = 0.091 ohms -50 0 50 100 150 0 0.5 1 1.5 2 2.5 3 TRIAC Tj / C IL(Tj) IL(25 C) 10us 0.1ms 1ms 10ms 0.1s 1s 10s 0.01 0.1 1 10 BT136 tp / s Zth j-hs (K/W) t p P t D unidirectional with heatsink compound without heatsink compound bidirectional -50 0 50 100 150 0 0.5 1 1.5 2 2.5 3 TRIAC Tj / C IH(Tj) IH(25C) December 1998 4 Rev 1.000 |
同様の部品番号 - BTA204X-800B |
|
同様の説明 - BTA204X-800B |