データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC846BDW1 データシート(PDF) 9 Page - ON Semiconductor

部品番号 BC846BDW1
部品情報  Dual General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC846BDW1 データシート(HTML) 9 Page - ON Semiconductor

Back Button BC846BDW1 Datasheet HTML 3Page - ON Semiconductor BC846BDW1 Datasheet HTML 4Page - ON Semiconductor BC846BDW1 Datasheet HTML 5Page - ON Semiconductor BC846BDW1 Datasheet HTML 6Page - ON Semiconductor BC846BDW1 Datasheet HTML 7Page - ON Semiconductor BC846BDW1 Datasheet HTML 8Page - ON Semiconductor BC846BDW1 Datasheet HTML 9Page - ON Semiconductor BC846BDW1 Datasheet HTML 10Page - ON Semiconductor BC846BDW1 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BC846BDW1, BC847BDW1, BC848CDW1
www.onsemi.com
9
Figure 34. Thermal Response
t, TIME (ms)
1.0
1.0
0
0.1
0.01
0.001
10
100
1.0k
10k
100k
Figure 35. Active Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (V)
-200
-1.0
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3 ms
TJ = 25°C
ZqJA(t) = r(t) RqJA
RqJA = 3285C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
-100
-50
-10
-5.0
-2.0
-5.0
-10
-30 -45 -65
-100
1 s
BC558
BC557
BC556
The safe operating area curves indicate IC−VCE limits
of the transistor that must be observed for reliable
operation. Collector load lines for specific circuits must
fall below the limits indicated by the applicable curve.
The data of Figure 35 is based upon TJ(pk) = 150
°C; TC
or TA is variable depending upon conditions. Pulse
curves are valid for duty cycles to 10% provided TJ(pk)
150
°C. TJ(pk) may be calculated from the data in
Figure 34. At high case or ambient temperatures,
thermal limitations will reduce the power that can be
handled to values less than the limitations imposed by the
secondary breakdown.
1.0M
0.02
0.01


同様の部品番号 - BC846BDW1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC846BDW1T1 ONSEMI-BC846BDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC846BDW1T1 ETL-BC846BDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC846BDW1T1 ONSEMI-BC846BDW1T1 Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC846BDW1T1D ONSEMI-BC846BDW1T1D Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC846BDW1T1G ONSEMI-BC846BDW1T1G Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
More results

同様の説明 - BC846BDW1

メーカー部品番号データシート部品情報
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com