データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC846BPDW1 データシート(PDF) 11 Page - ON Semiconductor

部品番号 BC846BPDW1
部品情報  Dual General Purpose Transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC846BPDW1 データシート(HTML) 11 Page - ON Semiconductor

Back Button BC846BPDW1 Datasheet HTML 7Page - ON Semiconductor BC846BPDW1 Datasheet HTML 8Page - ON Semiconductor BC846BPDW1 Datasheet HTML 9Page - ON Semiconductor BC846BPDW1 Datasheet HTML 10Page - ON Semiconductor BC846BPDW1 Datasheet HTML 11Page - ON Semiconductor BC846BPDW1 Datasheet HTML 12Page - ON Semiconductor BC846BPDW1 Datasheet HTML 13Page - ON Semiconductor BC846BPDW1 Datasheet HTML 14Page - ON Semiconductor BC846BPDW1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
BC846BPDW1, BC847BPDW1, BC848CPDW1 Series
www.onsemi.com
11
TYPICAL PNP CHARACTERISTICS − BC847/SBC847 SERIES
Figure 31. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 32. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
-0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
-0.5
TA = 25°C
Cob
Cib
-0.6
-1.0
-2.0
-4.0 -6.0
-10
-20 -30 -40
150
-1.0
-2.0 -3.0
-5.0
-10
-20
-30
-50
VCE = -10 V
TA = 25°C


同様の部品番号 - BC846BPDW1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC846BPDW1 ONSEMI-BC846BPDW1 Datasheet
178Kb / 17P
   Dual General Purpose Transistors
October, 2013 ??Rev. 9
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
172Kb / 17P
   Dual General Purpose Transistors
October, 2010 ??Rev. 6
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
338Kb / 11P
   GreenBridge 2 Series of High-Efficiency Bridge Rectifiers
June, 2020 ??Rev. 2
BC846BPDW1T1D ONSEMI-BC846BPDW1T1D Datasheet
172Kb / 17P
   Dual General Purpose Transistors
October, 2010 ??Rev. 6
More results

同様の説明 - BC846BPDW1

メーカー部品番号データシート部品情報
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com