データシートサーチシステム |
|
BTA204X-800F データシート(PDF) 4 Page - NXP Semiconductors |
|
BTA204X-800F データシート(HTML) 4 Page - NXP Semiconductors |
4 / 7 page Philips Semiconductors Product specification Three quadrant triacs BTA204X series D, E and F guaranteed commutation Fig.1. Maximum on-state dissipation, P tot, versus rms on-state current, I T(RMS), where α = conduction angle. Fig.2. Maximum permissible non-repetitive peak on-state current I TSM, versus pulse width tp, for sinusoidal currents, t p ≤ 20ms. Fig.3. Maximum permissible non-repetitive peak on-state current I TSM, versus number of cycles, for sinusoidal currents, f = 50 Hz. Fig.4. Maximum permissible rms current I T(RMS) , versus heatsink temperature T hs. Fig.5. Maximum permissible repetitive rms on-state current I T(RMS), versus surge duration, for sinusoidal currents, f = 50 Hz; T hs ≤ 92˚C. Fig.6. Normalised gate trigger voltage V GT(Tj)/ VGT(25˚C), versus junction temperature Tj. 01 2345 0 1 2 3 4 5 6 7 8 = 180 120 90 60 30 BT136 IT(RMS) / A Ptot / W Ths(max) / C 125 119.5 114 108.5 103 97.5 92 86.5 81 1 -50 0 50 100 150 0 1 2 3 4 5 BT136X 92 C Ths / C IT(RMS) / A 10us 100us 1ms 10ms 100ms 10 100 1000 BT136 T / s ITSM / A T ITSM time I Tj initial = 25 C max T dI /dt limit T T2- G+ quadrant 0.01 0.1 1 10 0 2 4 6 8 10 12 BT136 surge duration / s IT(RMS) / A 1 10 100 1000 0 5 10 15 20 25 30 BT136 Number of cycles at 50Hz ITSM / A T ITSM time I Tj initial = 25 C max T -50 0 50 100 150 0.4 0.6 0.8 1 1.2 1.4 1.6 BT136 Tj / C VGT(Tj) VGT(25 C) December 1998 4 Rev 1.000 |
同様の部品番号 - BTA204X-800F |
|
同様の説明 - BTA204X-800F |