データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si8455BA-B-IU データシート(PDF) 1 Page - Silicon Laboratories

部品番号 Si8455BA-B-IU
部品情報  FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8455BA-B-IU データシート(HTML) 1 Page - Silicon Laboratories

  Si8455BA-B-IU Datasheet HTML 1Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 2Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 3Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 4Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 5Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 6Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 7Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 8Page - Silicon Laboratories Si8455BA-B-IU Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Rev. 1.2 9/13
Copyright © 2013 by Silicon Laboratories
Si844x/5x QSOP
Si844x/5x QSOP
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Features
Applications
Safety Regulatory Approvals
Description
Silicon Lab's family of ultra-low-power digital isolators are CMOS
devices offering substantial data rate, propagation delay, power, size,
reliability, and external BOM advantages when compared to legacy
isolation technologies. The operating parameters of these products
remain stable across wide temperature ranges throughout their
service life. For ease of design, only VDD bypass capacitors are
required.
Data rates up to 150 Mbps are supported, and all devices achieve
worst-case propagation delays of less than 10 ns. These devices are
available in a 16-pin QSOP package.
High-speed operation

DC to 150 Mbps
No start-up initialization required
Wide Operating Supply Voltage:
2.70–5.5 V
Ultra low power (typical)
5 V Operation:

< 1.6 mA per channel at 1 Mbps

< 6 mA per channel at 100 Mbps
2.70 V Operation:

< 1.4 mA per channel at 1 Mbps

< 4 mA per channel at 100 Mbps
High electromagnetic immunity
Up to 1000 VRMS isolation
Precise timing (typical)

<10 ns worst case

1.5 ns pulse width distortion

0.5 ns channel-channel skew

2 ns propagation delay skew

6 ns minimum pulse width
Transient Immunity 25 kV/µs
Wide temperature range

–40 to 125 °C at 150 Mbps
RoHS-compliant packages

QSOP-16
Industrial automation systems
Isolated switch mode supplies
Isolated ADC, DAC
Motor control
Power inverters
Communications systems
UL 1577 recognized

Up to 1000 VRMS for 1 minute
CSA component notice 5A
approval
VDE certification conformity

IEC 60747-5-2
(VDE0884 Part 2)
Ordering Information:
See page 25.


同様の部品番号 - Si8455BA-B-IU

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI8455BA-B-IU SKYWORKS-SI8455BA-B-IU Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results

同様の説明 - Si8455BA-B-IU

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
logo
List of Unclassifed Man...
IL715 ETC1-IL715 Datasheet
128Kb / 7P
   Four Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
1Mb / 24P
   Four-Channel, 5kVRMS Digital Isolators
Rev 0; 9/14
MAX14934 MAXIM-MAX14934_V01 Datasheet
1Mb / 23P
   Four-Channel, 5kVRMS Digital Isolators
2020
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
   High Speed Four-Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX14430 MAXIM-MAX14430_V01 Datasheet
1Mb / 31P
   Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14430 MAXIM-MAX14430 Datasheet
1Mb / 31P
   Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
Rev 5; 11/20
MAX14434 MAXIM-MAX14434 Datasheet
1Mb / 26P
   Four-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 3; 1/19
MAX22446E MAXIM-MAX22446E_V01 Datasheet
1Mb / 31P
   Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
2021
MAX22444 MAXIM-MAX22444 Datasheet
1Mb / 31P
   Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
Rev 7; 3/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com